Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7660CPA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # ICL7660CPA
Description  Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7660CPA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button ICL7660CPA Datasheet HTML 4Page - Maxim Integrated Products ICL7660CPA Datasheet HTML 5Page - Maxim Integrated Products ICL7660CPA Datasheet HTML 6Page - Maxim Integrated Products ICL7660CPA Datasheet HTML 7Page - Maxim Integrated Products ICL7660CPA Datasheet HTML 8Page - Maxim Integrated Products ICL7660CPA Datasheet HTML 9Page - Maxim Integrated Products ICL7660CPA Datasheet HTML 10Page - Maxim Integrated Products ICL7660CPA Datasheet HTML 11Page - Maxim Integrated Products ICL7660CPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Positive Voltage Doubler
Figure 9 illustrates the recommended voltage doubler
circuit for the MAX1044/ICL7660. To reduce the voltage
drops contributed by the diodes (VD), use Schottky
diodes. For true voltage doubling or higher output cur-
rents, use the MAX660.
Voltage Divider
The voltage divider shown in Figure 10 splits the power
supply in half. A third capacitor can be added between
V+ and VOUT.
Combined Positive Multiplication and
Negative Voltage Conversion
Figure 11 illustrates this dual-function circuit.
Capacitors C1 and C3 perform the bucket and reser-
voir functions for generating the negative voltage.
Capacitors C2 and C4 are the bucket and reservoir
capacitors for the doubled positive voltage. This circuit
has higher output impedances resulting from the use of
a common charge-pump driver.
Cascading Devices
Larger negative multiples of the supply voltage can be
obtained by cascading MAX1044/ICL7660 devices
(Figure 12). The output voltage is nominally VOUT = -n(V+)
where n is the number of devices cascaded. The out-
put voltage is reduced slightly by the output resistance
of the first device, multiplied by the quiescent current of
the second, etc. Three or more devices can be cascaded
in this way, but output impedance rises dramatically.
For example, the output resistance of two cascaded
MAX1044s is approximately five times the output resis-
tance of a single voltage converter. A better solution
may be an inductive switching regulator, such as the
MAX755, MAX759, MAX764, or MAX774.
Switched-Capacitor Voltage Converters
10
______________________________________________________________________________________
MAX1044
ICL7660
4
3
2
1
5
6
7
8
C2
10µF
C1
10µF
V+
VOUT =
V+
1
2
LV
Figure 10. Voltage Divider
MAX1044
ICL7660
4
3
VOUT = 2(V+) - 2VD
2
1
5
6
7
8
C4
C1
C2
V+
VOUT = -(V+)
C3
LV
Figure 11. Combined Positive and Negative Converter
MAX1044
ICL7660
4
3
2
1
5
6
7
8
MAX1044
ICL7660
4
3
2
1
5
6
7
8
10µF
10µF
V+
10µF
10µF
10µF
VOUT = -n(V+)
10µF
MAX1044
ICL7660
4
3
2
1
5
6
7
8
12
3
Figure 12. Cascading MAX1044/ICL7660 for Increased Output Voltage


Similar Part No. - ICL7660CPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660CPA INTERSIL-ICL7660CPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660CPA INTERSIL-ICL7660CPA Datasheet
280Kb / 11P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
ICL7660CPA INTERSIL-ICL7660CPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660CPA INTERSIL-ICL7660CPA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660CPA INTERSIL-ICL7660CPA Datasheet
279Kb / 12P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
More results

Similar Description - ICL7660CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660 Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com