Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX105 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX105
Description  Dual, 6-Bit, 800Msps ADC with On-Chip, Wideband Input Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
Dual, 6-Bit, 800Msps ADC with On-Chip,
Wideband Input Amplifier
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVCC = AVCCI = AVCCQ = AVCCR = +5V, OVCCI = OVCCQ = +3.3V, AGND = AGNDI = AGNDQ = AGNDR = 0, OGNDI = OGNDQ
= 0, fCLK = 802.816MHz, CL = 1µF to AGND at REF, RL = 100
Ω ±1% applied to digital LVDS outputs, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK INPUTS (CLK+, CLK-)
Clock Input Resistance
RCLK
CLK+ and CLK- to AGND
5
k
Clock Input Resistance
Temperature Coefficient
TCRCLK
150
ppm/
°C
Minimum Clock Input
Amplitude
500
mVp-p
LVDS OUTPUTS (P0I± TO P5I±, P0Q± TO P5Q±, A0I± TO A5I±, A0Q± TO A5Q±, DREADY+, DREADY-, DOR+, DOR-)
Differential Output Voltage
VOD
247
400
mV
Change in Magnitude of
VOD
Between “0” and “1” States
∆VOD
±25
mV
Steady-State Common Mode
Output Voltage
VOC(SS)
1.125
1.375
V
Change in Magnitude of VOC
Between “0” and “1” States
∆VOC
±25
mV
Differential Output Resistance
80
160
Short output together
2.5
Output Current
Short to OGNDI = OGNDQ
25
mA
DYNAMIC SPECIFICATION
Differential
5.4
5.8
fIN = 200.018MHz at
-0.5dB FS (Note 9)
Single-ended
5.75
Effective Number of Bits
(Note 8)
ENOB
fIN = 400.134MHz at
-0.5dB FS
Differential
5.65
Bits
Differential
35
37
fIN = 200.018MHz at
-0.5dB FS (Note 9)
Single-ended
36.7
Signal-to-Noise Ratio
(Notes 10, 11)
SNR
fIN = 400.134MHz at
-0.5dB FS
Differential
36.5
dB
Differential
-44.5
-41
fIN = 200.018MHz at
-0.5dB FS (Note 9)
Single-ended
-44.5
Total Harmonic Distortion
(Note 11)
THD
fIN = 400.134MHz at
-0.5dB FS
Differential
-41
dBc
Differential
41
45
fIN = 200.018MHz at
-0.5dB FS (Note 9)
Single-ended
45
Spurious-Free Dynamic Range
SFDR
fIN = 400.134MHz at
-0.5dB FS
Differential
41.5
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2613Dual Wideband High Output Current Operational Amplifier with Current Limit 1 2 3 4 5 MoreTI store
VCA2619Dual Variable Gain Amplifier with Input Buffer 1 2 3 4 5 MoreBurr-Brown (TI)
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2680Dual Wideband Voltage Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2681Dual Wideband Current Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2682Dual Wideband Fixed Gain BUFFER AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
CA3240Dual 4.5MHz BiMOS Operational Amplifier with MOSFET Input/Bipolar Output 1 2 3 4 5 MoreIntersil Corporation
HS-22620RHRad Hard Dual Wideband High Input Impedance Uncompensated Operational Amplifier 1 2 3 4 Intersil Corporation
VCA2614Dual VARIABLE GAIN AMPLIFIER with Input Buffer 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl