Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP51-04W_N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAP51-04W_N
Description  General purpose PIN diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP51-04W_N Datasheet(HTML) 3 Page - NXP Semiconductors

  BAP51-04W_N_15 Datasheet HTML 1Page - NXP Semiconductors BAP51-04W_N_15 Datasheet HTML 2Page - NXP Semiconductors BAP51-04W_N_15 Datasheet HTML 3Page - NXP Semiconductors BAP51-04W_N_15 Datasheet HTML 4Page - NXP Semiconductors BAP51-04W_N_15 Datasheet HTML 5Page - NXP Semiconductors BAP51-04W_N_15 Datasheet HTML 6Page - NXP Semiconductors BAP51-04W_N_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2002 Feb 19
3
Philips Semiconductors
Preliminary specification
General purpose PIN diode
BAP51-04W
ELECTRICAL CHARACTERISTICS
Tj = 25
°C unless otherwise specified.
Note
1.
Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
IF =50mA
0.95
1.1
V
VR
reverse voltage
IR =10
µA50
−−
V
IR
reverse current
VR =50 V
−−
100
nA
Cd
diode capacitance
VR =0; f = 1 MHz
0.4
pF
VR =1 V; f = 1 MHz
0.3
0.55
pF
VR =5 V; f = 1 MHz
0.2
0.35
pF
rD
diode forward resistance
IF = 0.5 mA; f = 100 MHz; note 1
5.5
9
IF = 1 mA; f = 100 MHz; note 1
3.6
6.5
IF = 10 mA; f = 100 MHz; note 1
1.5
2.5
τL
charge carrier life time
when switched from IF =10mA to
IR =6mA; RL = 100
Ω;
measured at IR =3 mA
550
ns
LS
series inductance
IF = 10 mA; f = 100 MHz
1.6
nH
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
250
K/W


Similar Part No. - BAP51-04W_N_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BAP51-04W_N JMNIC-BAP51-04W_N_15 Datasheet
89Kb / 7P
   General purpose PIN diode
More results

Similar Description - BAP51-04W_N_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com