Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


5-0SMDJ Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part No. 5-0SMDJ
Description  For surface mounted applications in order to optimize board space
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERITEK [MERITEK ELECTRONICS CORPORATION]
Homepage  http://www.meritekusa.com
Logo 

   
 2 page
background image
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V) VBR MIN.(V) VBR MAX.(V) IT(mA)
VC(V)
IPP(A)
IR(µA)
5.0SMDJ11A
5.0SMDJ11CA 5PEN 5BEN
11.0
12.20
13.50
10
18.2
275.00
800
5.0SMDJ12A
5.0SMDJ12CA 5PEP 5BEP
12.0
13.30
14.70
10
19.9
252.00
800
5.0SMDJ13A
5.0SMDJ13CA 5PEQ 5BEQ
13.0
14.40
15.90
10
21.5
233.00
500
5.0SMDJ14A
5.0SMDJ14CA 5PER 5BER
14.0
15.60
17.20
10
23.2
216.00
200
5.0SMDJ15A
5.0SMDJ15CA 5PES 5BES
15.0
16.70
18.50
1
24.4
205.00
100
5.0SMDJ16A
5.0SMDJ16CA 5PET 5BET
16.0
17.80
19.70
1
26.0
193.00
50
5.0SMDJ17A
5.0SMDJ17CA 5PEU 5BEU
17.0
18.90
20.90
1
27.6
181.00
20
5.0SMDJ18A
5.0SMDJ18CA 5PEV 5BEV
18.0
20.00
22.10
1
29.2
172.00
10
5.0SMDJ20A
5.0SMDJ20CA 5PEW 5BEW
20.0
22.20
24.50
1
32.4
155.00
5
5.0SMDJ22A
5.0SMDJ22CA 5PEX 5BEX
22.0
24.40
26.90
1
35.5
141.00
5
5.0SMDJ24A
5.0SMDJ24CA 5PEZ 5BEZ
24.0
26.70
29.50
1
38.9
129.00
5
5.0SMDJ26A
5.0SMDJ26CA 5PFE 5BFE
26.0
28.90
31.90
1
42.1
119.00
5
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
6.60
7.11
0.260
0.280
D
5.59
6.22
0.220
0.245
D1
2.90
3.20
0.114
0.126
T
7.75
8.13
0.305
0.320
T1
0.76
1.52
0.030
0.060
d
-
0.203
-
0.008
s
2.06
2.62
0.079
0.103
t
0.152
0.305
0.006
0.012
t
s
T1
d
T
D1 D
L
Cathode Band
SMC/DO-214AB
Transient Voltage Suppressors
Series
MERITEK
PACKAGE DIMENSIONS
SPECIFICATIONS
2
Rev 7




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl