Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX104 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX104
Description  ±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
±5V, 1Gsps, 8-Bit ADC with
On-Chip 2.2GHz Track/Hold Amplifier
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VCCA = VCCI = VCCD = +5.0V, VEE = -5.0V, VCCO = +3.3V, REFIN connected to REFOUT, fS = 1Gsps, fIN at -1dBFS, TA = +25°C,
unless otherwise noted.)
fIN1 = 124MHz, fIN2 = 126MHz,
at -7dB below full-scale
fIN = 500MHz
fIN = 1000MHz
CONDITIONS
dB
-57.7
IMD
Two-Tone Intermodulation
7.40
ENOB1000
GHz
2.2
BW-3dB
Analog Input Full-Power
Bandwidth
V/V
1.1:1
VSWR
Analog Input VSWR
7.52
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Differential
Single-ended
fIN = 500MHz
7.49
ENOB500
7.2
7.55
Differential
Single-ended
fIN = 1000MHz
46.4
SNR1000
46.4
fIN = 125MHz
Differential
Single-ended
Bits
7.73
ENOB125
Effective Number of Bits
(Note 11)
7.4
7.74
Differential
Single-ended
fIN = 500MHz
47.1
SNR500
43.5
47.0
Differential
Single-ended
fIN = 125MHz
dB
47.4
SNR125
Signal-to-Noise Ratio
(No Harmonics)
44.2
47.4
Differential
Single-ended
fIN = 500MHz
fIN = 1000MHz
-49.6
THD1000
-52.6
-51.3
THD500
Differential
Single-ended
-50
-52.5
Differential
Single-ended
fIN = 125MHz
dB
-67.4
THD125
Total Harmonic Distortion
(Note 12)
-61
-66.2
Differential
Single-ended
fIN = 500MHz
fIN = 1000MHz
52.5
SFDR1000
52.8
52.3
SFDR500
Differential
Single-ended
50
52.3
Differential
Single-ended
fIN = 125MHz
dB
69.5
SFDR125
Spurious-Free Dynamic Range
62
68.9
Differential
Single-ended
fIN = 500MHz
fIN = 1000MHz
46.3
SINAD1000
47.0
46.9
SINAD500
Differential
Single-ended
45.1
47.2
Differential
Single-ended
fIN = 125MHz
dB
48.3
SINAD125
Signal-to-Noise Ratio and
Distortion (Note 11)
46.3
48.3
Differential
Single-ended
VOSADJ control input open
LSB
-1.5
0
+1.5
VOS
Transfer Curve Offset
ANALOG INPUT
DYNAMIC SPECIFICATIONS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
L9805Super Smart Power Motor Driver with 8-BIT MCU CAN Interface 16K EPROM 256Bytes RAM 128 Bytes EEPROM 10 Bit ADC WDG 2 Timers 2 PWM Modules Ful 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI I2C INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7263BLOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM UP TO 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I²C 1 2 3 4 5 MoreSTMicroelectronics
CXD2301Q8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp 1 2 3 4 5 MoreSony Corporation
HB7121BELECTRONICSCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
MAX101500Msps 8-Bit ADC with Track/Hold 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl