Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP20B120U-EP Datasheet(PDF) 3 Page - International Rectifier

Part # IRGP20B120U-EP
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP20B120U-EP Datasheet(HTML) 3 Page - International Rectifier

  IRGP20B120U-EP Datasheet HTML 1Page - International Rectifier IRGP20B120U-EP Datasheet HTML 2Page - International Rectifier IRGP20B120U-EP Datasheet HTML 3Page - International Rectifier IRGP20B120U-EP Datasheet HTML 4Page - International Rectifier IRGP20B120U-EP Datasheet HTML 5Page - International Rectifier IRGP20B120U-EP Datasheet HTML 6Page - International Rectifier IRGP20B120U-EP Datasheet HTML 7Page - International Rectifier IRGP20B120U-EP Datasheet HTML 8Page - International Rectifier IRGP20B120U-EP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRGP20B120U-EP
www.irf.com
3
Fig.1 - Maximum DC Collector
Current vs. Case Temperature
0
5
10
15
20
25
30
35
40
45
50
0
40
80
120
160
T C (°C)
Fig.3 - Forward SOA
T C =25°C; Tj < 150°C
0.1
1
10
100
1000
1
10
100
1000
10000
V CE (V)
DC
10ms
1ms
100µ s
10µ s
2µ s
PULSED
Fig.2 - Power Dissipation vs. Case
Temperature
0
40
80
120
160
200
240
280
320
0
40
80
120
160
T C (°C)
Fig.4 - Reverse Bias SOA
Tj = 150°C, V GE = 15V
1
10
100
1000
1
10
100
1000
10000
V CE (V)


Similar Part No. - IRGP20B120U-EP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP20B120U-EP IRF-IRGP20B120U-EP Datasheet
177Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRGP20B120U-EP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com