Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7665 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # ICL7665
Description  Microprocessor Voltage Monitor with
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7665 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button ICL7665 Datasheet HTML 4Page - Maxim Integrated Products ICL7665 Datasheet HTML 5Page - Maxim Integrated Products ICL7665 Datasheet HTML 6Page - Maxim Integrated Products ICL7665 Datasheet HTML 7Page - Maxim Integrated Products ICL7665 Datasheet HTML 8Page - Maxim Integrated Products ICL7665 Datasheet HTML 9Page - Maxim Integrated Products ICL7665 Datasheet HTML 10Page - Maxim Integrated Products ICL7665 Datasheet HTML 11Page - Maxim Integrated Products ICL7665 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection
_______________________________________________________________________________________
9
Combination Low-Battery Warning and
Low-Battery Disconnect
Nickel cadmium (NiCd) batteries are excellent recharge-
able power sources for portable equipment, but care
must be taken to ensure that NiCd batteries are not
damaged by overdischarge. Specifically, a NiCd battery
should not be discharged to the point where the polarity
of the lowest-capacity cell is reversed, and that cell is
reverse charged by the higher-capacity cells. This reverse
charging will dramatically reduce the life of a NiCd battery.
The Figure 8 circuit both prevents reverse charging and
gives a low-battery warning. A typical low-battery warning
voltage is 1V per cell. Since a NiCd “9V” battery is ordi-
narily made up of six cells with a nominal voltage of 7.2V,
a low-battery warning of 6V is appropriate, with a small
hysteresis of 100mV. To prevent overdischarge of a bat-
tery, the load should be disconnected when the battery
voltage is 1V x (N – 1), where N = number of cells. In this
case, the low-battery load disconnect should occur at
5V. Since the battery voltage will rise when the load is
disconnected, 800mV of hysteresis is used to prevent
repeated on/off cycling.
Power-Fail Warning and
Power-Up/Power-Down Reset
Figure 9 illustrates a power-fail warning circuit that
monitors raw DC input voltage to the 7805 three-termi-
nal 5V regulator. The power-fail warning signal goes
high when the unregulated DC input falls below 8.0V.
When the raw DC power source is disconnected or the
AC power fails, the voltage on the input of the 7805
decays at a rate of IOUT / C (in this case, 200mV/ms).
Since the 7805 will continue to provide a 5V output at
1A until VIN is less than 7.3V, this circuit will give at
least 3.5ms of warning before the 5V output begins to
drop. If additional warning time is needed, either the
trip voltage or filter capacitance should be increased,
or the output current should be decreased.
The ICL7665 OUT2 is set to trip when the 5V output has
decayed to 3.9V. This output can be used to prevent
the microprocessor from writing spurious data to a
CMOS battery-backup memory, or can be used to acti-
vate a battery-backup system.
AC Power-Fail and Brownout Detector
By monitoring the secondary of the transformer, the cir-
cuit in Figure 10 performs the same power-failure warn-
ing function as Figure 9. With a normal 110V AC input
to the transformer, OUT1 will discharge C1 every
16.7ms when the peak transformer secondary voltage
exceeds 10.2V. When the 110V AC power-line voltage
is either interrupted or reduced so that the peak voltage
is less than 10.2V, C1 will be charged through R1.
OUT2, the power-fail warning output, goes high when
the voltage on C1 reaches 1.3V. The time constant R1 x
C1 determines the delay time before the power-fail warning
signal is activated, in this case 42ms or 212 line cycles.
Optional components R2, R3 and Q1 add hysteresis by
increasing the peak secondary voltage required to dis-
charge C1 once the power-fail warning is active.
Battery Switchover Circuit
The circuit in Figure 11 performs two functions: switch-
ing the power supply of a CMOS memory to a backup
battery when the line-powered supply is turned off, and
lighting a low-battery-warning LED when the backup
battery is nearly discharged. The PNP transistor, Q1,
connects the line-powered +5V to the CMOS memory
whenever the line-powered +5V supply voltage is
greater than 3.5V. The voltage drop across Q1 will only
be a couple of hundred millivolts, since it will be satu-
rated. Whenever the input voltage falls below 3.5V,
OUT1 goes high, turns off Q1, and connects the 3V
lithium cell to the CMOS memory.
The second voltage detector of the ICL7665 monitors the
voltage of the lithium cell. If the battery voltage falls below
2.6V, OUT2 goes low and the low-battery-warning LED
turns on (assuming that the +5V is present, of course).
Another possible use for the second section of the
ICL7665 is the detection of the input voltage falling
below 4.5V. This signal could then be used to prevent
the microprocessor from writing spurious data to the
CMOS memory while its power-supply voltage is out-
side its guaranteed operating range.
Simple High/Low Temperature Alarm
The circuit in Figure 12 is a simple high/low tempera-
ture alarm, which uses a low-cost NPN transistor as the
sensor and an ICL7665 as the high/low detector. The
NPN transistor and potentiometer R1 form a Vbe multi-
plier whose output voltage is determined by the Vbe of
the transistor and the position of R1’s wiper arm. The
voltage at the top of R1 will have a temperature coeffi-
cient of approximately -5mV/°C. R1 is set so that the
voltage at VSET2 equals the VSET2 trip voltage when the
temperature of the NPN transistor reaches the level
selected for the high-temperature alarm. R2 can be
adjusted so that the voltage at VSET1 is 1.3V when the
NPN transistor’s temperature reaches the low-tempera-
ture limit.


Similar Part No. - ICL7665

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665 INTERSIL-ICL7665 Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665 INTERSIL-ICL7665 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Renesas Technology Corp
ICL7665S RENESAS-ICL7665S Datasheet
765Kb / 6P
   Low Voltage Reference
Jan 2004
More results

Similar Description - ICL7665

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_13 Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
logo
California Micro Device...
CM1232 CALMIRCO-CM1232 Datasheet
171Kb / 4P
   CMOS MICROPROCESSOR MONITOR CIRCUIT
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Maxim Integrated Produc...
MAX1232 MAXIM-MAX1232 Datasheet
174Kb / 6P
   MAX 1232 Microprocessor Monitor
19-3899; Rev 1; 2/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com