Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7653BCPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # ICL7653BCPA
Description  Chopper-Stabilized Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7653BCPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button ICL7653BCPA Datasheet HTML 2Page - Maxim Integrated Products ICL7653BCPA Datasheet HTML 3Page - Maxim Integrated Products ICL7653BCPA Datasheet HTML 4Page - Maxim Integrated Products ICL7653BCPA Datasheet HTML 5Page - Maxim Integrated Products ICL7653BCPA Datasheet HTML 6Page - Maxim Integrated Products ICL7653BCPA Datasheet HTML 7Page - Maxim Integrated Products ICL7653BCPA Datasheet HTML 8Page - Maxim Integrated Products ICL7653BCPA Datasheet HTML 9Page - Maxim Integrated Products ICL7653BCPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Chopper-Stabilized Op Amps
6
_______________________________________________________________________________________
Detailed Description
Figure 2 shows the major elements of the ICL7650/
ICL7653. Two amplifiers are illustrated, the main amplifi-
er and the nulling amplifier, both of which have offset-
null capability. The main amplifier is connected full time
from the input to the output. The nulling amplifier, under
control of the chopper-frequency oscillator and clock
circuit, alternately nulls itself and the main amplifier. This
nulling arrangement, which is independent of the output
level, operates over the full power-supply and common-
mode ranges. The ICL7650/ICL7653 exhibit an excep-
tionally high CMRR, PSRR, and AVOL. Their nulling
connections, which are MOSFET back gates, have inher-
ently high impedance. Two external capacitors provide
storage for the nulling potentials and the necessary
nulling-loop time constants.
The ICL7650/ICL7653 minimize chopper-frequency
charge injection at the input terminals by carefully bal-
ancing the input switches. Feed-forward injection into
the compensation capacitor, the main cause of output
spikes in this type of circuit, is also minimized.
Output Clamp (ICL7650 Only)
The output clamp reduces the overload recovery time
inherent with chopper-stabilized amplifiers. When tied to
the summing junction or inverting input pin, a current path
between this point and the output occurs just before the
output device saturates. This prevents uncontrolled input
differential and the consequent charge build-up on the
correction-storage capacitors, while causing only a slight
reduction in the output swing.
Intermodulation
Intermodulation effects can cause problems in older
chopper-stabilized amplifier modules. Intermodulation
occurs since the amplifier has a finite AC gain, and
therefore will have a small AC signal at the input. In a
chopper-stabilized module, this small AC signal is
detected, chopped, and fed into the offset-correction
circuit. This results in spurious outputs at the sum and
difference frequencies of the chopping and input signal
frequencies. Other intermodulation effects in chopper-
stabilized modules include gain and phase anomalies
near the chopping frequency.
These effects are substantially reduced in the
ICL7650/ICL7653, which add to the nulling circuit a
dynamic current that compensates for the AC signal on
the inputs. Unlike modules, the ICL7650/ICL7653 can
precisely compensate for the finite AC gain, since both
the AC gain rolloff and the intermodulation compensation
current are controlled by internal matched capacitors.
ICL7650
ICL7653
OUTPUT
C
CR
C
0.1
µF
0.1
µF
R2
1M
R1
1M
ICL7650
INTERNAL
BIAS
EXT CLK IN
CLK OUT
NULL
CEXTA
CEXTB
CAP RETURN
B
A
C
P
A
+
-
N
OUTPUT
+IN
-IN
CLAMP
MAIN
+
-
B
C
INT/EXT
A
A
A = CLK OUT
A
EXT CLK IN
B
C
OSC
Figure 1. ICL7650 Test Circuit
Figure 2. Block Diagram


Similar Part No. - ICL7653BCPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7650 INTERSIL-ICL7650 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Linear Technology
ICL7650CPA LINER-ICL7650CPA Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
ICL7650CPD LINER-ICL7650CPD Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
ICL7650CTV LINER-ICL7650CTV Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
More results

Similar Description - ICL7653BCPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
233A ETC1-233A Datasheet
36Kb / 1P
   CHOPPER STABILIZED AMPLIFER
logo
Intronics Power, Inc.
233 INTRONICS-233 Datasheet
99Kb / 1P
   CHOPPER STABILIZED AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
Maxim Integrated Produc...
ICL7652 MAXIM-ICL7652 Datasheet
428Kb / 11P
   Chopper Stabilized Operatlonal Amplifier
19-3031; Rev 0; 1988
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Allegro MicroSystems
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com