Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG303CJ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG303CJ
Description  TTL Compatible CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG303CJ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG303CJ Datasheet HTML 1Page - Maxim Integrated Products DG303CJ Datasheet HTML 2Page - Maxim Integrated Products DG303CJ Datasheet HTML 3Page - Maxim Integrated Products DG303CJ Datasheet HTML 4Page - Maxim Integrated Products DG303CJ Datasheet HTML 5Page - Maxim Integrated Products DG303CJ Datasheet HTML 6Page - Maxim Integrated Products DG303CJ Datasheet HTML 7Page - Maxim Integrated Products DG303CJ Datasheet HTML 8Page - Maxim Integrated Products DG303CJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
Maxim’s DG300–DG303 and DG300A–DG303A CMOS
dual and quad analog switches combine low power
operation with fast switching times and superior DC and
AC switch characteristics. On-resistance is less than
50
Ω and is essentially constant over the analog signal
range. Device specifications are ideal for battery-
powered circuitry.
These switches are available in a variety of formats as
outlined in the Pin Configurations section. The switch
control logic inputs are fully TTL and CMOS compati-
ble. Also featured are “break-before-make” switching
and low charge injection.
Maxim’s DG300-DG303 and DG300A-DG303A families
are electrically compatible and pin compatible with the
original manufacturer’s devices. All devices operate with
power supplies ranging from ±5V to ±18V. Single-sup-
ply operation is implemented by connecting V- to GND.
Applications
Portable Instruments
Low-Power Sample/Holds
Power-Supply Switching
Programmable Gain Ampliffiers
SPDT and DPDT Functions
Process Control and Telemetry
Features
o Monolithic Low-Power CMOS
o Latchup Proof Construction
o Fully Compatible 2nd Source
o Low On-Resistance, <50Ω
o Fast Switching Time
o V+ to V- Analog Signal Range
o Single-Supply Capability
TTL Compatible CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
V+
D2
N.C.
S2
S1
N.C.
D1
N.C.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
N.C.
IN2
V-
GND
IN1
N.C.
10
1
2
3
4
5
6
7
8
9
D1
S1
IN1
N.C.
GND
1
0
LOGIC
ON
OFF
SWITCH
DUAL SPST DG300/DG300A
DUAL DPST DG302/DG302A
V+ (SUBSTRATE AND CASE)
V-
IN2
S2
D2
V+
S4
D4
D2
D1
D3
S3
N.C.
S2
IN2
V-
GND
IN1
S1
DUAL SPDT DG303/DG303A
V+
S4
D4
D2
D1
D3
S3
N.C.
S2
IN2
V-
GND
IN1
S1
1
0
LOGIC
ON
OFF
SWITCH
V+
D2
N.C.
S2
S1
N.C.
D1
N.C.
N.C.
N.C.
V-
SWITCH STATES ARE FOR LOGIC "1" INPUTS (POSITIVE LOGIC).
GND
IN
N.C.
10
1
2
3
4
5
6
7
8
9
D1
S1
IN
N.C.
GND
1
0
LOGIC
ON
OFF
SWITCH 1
OFF
ON
SWITCH 2
SPDT DG301/DG301A
V+ (SUBSTRATE AND CASE)
V-
N.C.
S2
D2
1
0
LOGIC
ON
OFF
SWITCHES 1, 3
OFF
ON
SWITCHES 2, 4
14
13
12
11
10
9
8
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
Pin Configurations
Ordering Information
19-0309; Rev 1; 6/99
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
DG300C/D
0°C to +70°C
Dice
DG300CJ
0°C to +70°C
14 Lead Plastic DIP
DG300CWE
0°C to +70°C
16 Lead Wide SO
DG300CK
0°C to +70°C
14 Lead CERDIP
DG300BWE
-25°C to +85°C
16 Lead Wide SO
DG300BK
-25°C to +85°C
14 Lead CERDIP
DG300BA
-25°C to +85°C
10 Lead Metal Can
DG300AK
-55°C to +125°C
14 Lead CERDIP
DG300AA
-55°C to +125°C
10 Lead Metal Can


Similar Part No. - DG303CJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG303A INTERSIL-DG303A Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
TEMIC Semiconductors
DG303A TEMIC-DG303A Datasheet
97Kb / 10P
   CMOS Analog Switches
logo
Intersil Corporation
DG303A INTERSIL-DG303A Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
DG303AAK INTERSIL-DG303AAK Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
TEMIC Semiconductors
DG303AAK TEMIC-DG303AAK Datasheet
97Kb / 10P
   CMOS Analog Switches
More results

Similar Description - DG303CJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG304567 MAXIM-DG304567 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0058 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
   TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
logo
Intersil Corporation
DG300A INTERSIL-DG300A_01 Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
logo
Maxim Integrated Produc...
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com