Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX038CPP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX038CPP
Description  High-Frequency Waveform Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038CPP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX038CPP Datasheet HTML 1Page - Maxim Integrated Products MAX038CPP Datasheet HTML 2Page - Maxim Integrated Products MAX038CPP Datasheet HTML 3Page - Maxim Integrated Products MAX038CPP Datasheet HTML 4Page - Maxim Integrated Products MAX038CPP Datasheet HTML 5Page - Maxim Integrated Products MAX038CPP Datasheet HTML 6Page - Maxim Integrated Products MAX038CPP Datasheet HTML 7Page - Maxim Integrated Products MAX038CPP Datasheet HTML 8Page - Maxim Integrated Products MAX038CPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX038 is a high-frequency, precision function
generator producing accurate, high-frequency triangle,
sawtooth, sine, square, and pulse waveforms with a
minimum of external components. The output frequency
can be controlled over a frequency range of 0.1Hz to
20MHz by an internal 2.5V bandgap voltage
reference and an external resistor and capacitor. The
duty cycle can be varied over a wide range by applying
a ±2.3V control signal, facilitating pulse-width modula-
tion and the generation of sawtooth waveforms.
Frequency modulation and frequency sweeping are
achieved in the same way. The duty cycle and
frequency controls are independent.
Sine, square, or triangle waveforms can be selected at
the output by setting the appropriate code at two
TTL-compatible select pins. The output signal for all
waveforms is a 2VP-P signal that is symmetrical around
ground. The low-impedance output can drive up
to ±20mA.
The TTL-compatible SYNC output from the internal
oscillator maintains a 50% duty cycle—regardless of
the duty cycle of the other waveforms—to synchronize
other devices in the system. The internal oscillator can
be synchronized to an external TTL clock connected
to PDI.
________________________Applications
Precision Function Generators
Voltage-Controlled Oscillators
Frequency Modulators
Pulse-Width Modulators
Phase-Locked Loops
Frequency Synthesizer
FSK Generator—Sine and Square Waves
____________________________Features
o 0.1Hz to 20MHz Operating Frequency Range
o Triangle, Sawtooth, Sine, Square, and Pulse
Waveforms
o Independent Frequency and Duty-Cycle
Adjustments
o 350 to 1 Frequency Sweep Range
o 15% to 85% Variable Duty Cycle
o Low-Impedance Output Buffer: 0.1
o Low-Distortion Sine Wave: 0.75%
o Low 200ppm/°C Temperature Drift
______________Ordering Information
*
Contact factory for dice specifications.
High-Frequency Waveform Generator
________________________________________________________________
Maxim Integrated Products
1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
V-
OUT
GND
V+
A1
A0
GND
REF
TOP VIEW
MAX038
DV+
DGND
SYNC
PDI
FADJ
DADJ
GND
COSC
PDO
GND
IIN
GND
DIP/SO
__________________Pin Configuration
19-0266; Rev 2a; 9/96
PART
TEMP. RANGE
PIN-PACKAGE
MAX038CPP
0°C to +70°C
20 Plastic DIP
MAX038CWP
0°C to +70°C
20 SO
MAX038C/D
0°C to +70°C
Dice*
MAX038EPP
-40°C to +85°C
20 Plastic DIP
MAX038EWP
-40°C to +85°C
20 SO
EVALUATION
KIT
AVAILABLE
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX038CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX038CPP MAXIM-MAX038CPP Datasheet
106Kb / 8P
   Evaluation Kit
1196
More results

Similar Description - MAX038CPP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
   Programmable Frequency Scan Waveform Generator
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932 Datasheet
473Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. 0
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
Keysight Technologies
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com