Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG8P40N120KDPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRG8P40N120KDPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG8P40N120KDPBF Datasheet(HTML) 3 Page - International Rectifier

  IRG8P40N120KDPBF_15 Datasheet HTML 1Page - International Rectifier IRG8P40N120KDPBF_15 Datasheet HTML 2Page - International Rectifier IRG8P40N120KDPBF_15 Datasheet HTML 3Page - International Rectifier IRG8P40N120KDPBF_15 Datasheet HTML 4Page - International Rectifier IRG8P40N120KDPBF_15 Datasheet HTML 5Page - International Rectifier IRG8P40N120KDPBF_15 Datasheet HTML 6Page - International Rectifier IRG8P40N120KDPBF_15 Datasheet HTML 7Page - International Rectifier IRG8P40N120KDPBF_15 Datasheet HTML 8Page - International Rectifier IRG8P40N120KDPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 30, 2014
 
IRG8P40N120KDPbF/IRG8P40N120KD-EPbF
0.1
1
10
100
f , Frequency ( kHz )
0
10
20
30
40
50
60
70
For both:
Duty cycle : 50%
Tj = 150°C
Tcase = 100°C
Gate drive as specified
Power Dissipation = 125W
I
Square Wave:
V
CC
Diode as specified
1
10
100
1000
10000
VCE (V)
0.1
1
10
100
10µsec
100µsec
Tc = 25°C
Tj = 150°C
Single Pulse
DC
1msec
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
10
100
1000
10000
VCE (V)
1
10
100
1000
0
2
4
6
8
10
VCE (V)
0.1
1.0
10
100
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
Fig. 2 - Forward SOA
TC = 25°C; TJ ≤ 150°C; VGE = 15V
Fig. 4 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 20µs
0
2
4
6
8
10
VCE (V)
0.1
1
10
100
Tc = -40°C
Tc = 25°C
Tc = 150°C
Fig. 5 - Typ. IGBT Saturation Voltage
VGE = 15V; tp = 20µs
Fig. 4 - Reverse Bias SOA
T
J
= 150°C; VGE = 20V


Similar Part No. - IRG8P40N120KDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG8P08N120KDPBF IRF-IRG8P08N120KDPBF Datasheet
668Kb / 13P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG8P08N120KDPBF IRF-IRG8P08N120KDPBF_15 Datasheet
668Kb / 13P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG8P15N120KDPBF IRF-IRG8P15N120KDPBF Datasheet
625Kb / 11P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG8P15N120KDPBF IRF-IRG8P15N120KDPBF_15 Datasheet
625Kb / 11P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG8P25N120KDPBF IRF-IRG8P25N120KDPBF Datasheet
639Kb / 11P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRG8P40N120KDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com