Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG8P15N120KDPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG8P15N120KDPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG8P15N120KDPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG8P15N120KDPBF Datasheet HTML 1Page - International Rectifier IRG8P15N120KDPBF Datasheet HTML 2Page - International Rectifier IRG8P15N120KDPBF Datasheet HTML 3Page - International Rectifier IRG8P15N120KDPBF Datasheet HTML 4Page - International Rectifier IRG8P15N120KDPBF Datasheet HTML 5Page - International Rectifier IRG8P15N120KDPBF Datasheet HTML 6Page - International Rectifier IRG8P15N120KDPBF Datasheet HTML 7Page - International Rectifier IRG8P15N120KDPBF Datasheet HTML 8Page - International Rectifier IRG8P15N120KDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 
IRG8P15N120KDPbF
IRG8P15N120KD-EPbF
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRG8P15N120KDPbF
TO-247AC
Tube
25
IRG8P15N120KDPbF
IRG8P15N120KD-EPbF
TO-247AD
Tube
25
IRG8P15N120KD-EPbF
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
1200
V
IC @ TC = 25°C
Continuous Collector Current (Silicon Limited)
30
IC @ TC = 100°C
Continuous Collector Current
15
ICM
Pulse Collector Current (see fig. 2)
30
ILM
Clamped Inductive Load Current (see fig. 3)
40
IF @ TC = 25°C
Diode Continuous Forward Current
20
IF @ TC = 100°C
Diode Continuous Forward Current
11
IFM
Diode Maximum Forward Current 
40
VGE
Continuous Gate-to-Emitter Voltage
±30
V
PD @ TC = 25°C
Maximum Power Dissipation
125
W
PD @ TC = 100°C
Maximum Power Dissipation
50
TJ
Operating Junction and
-40 to +150
C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
A
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RJC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT) 
–––
–––
1.0
°C/W
RCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.24
–––
RJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
40
–––
RJC (Diode) Thermal Resistance Junction-to-Case-(each Diode) 
–––
–––
1.7
VCES = 1200V
IC = 15A, TC =100°C
tSC 10µs, TJ(max) = 150°C
VCE(ON) typ. = 1.7V @ IC = 10A
Applications
• Industrial Motor Drive
• UPS
• Solar Inverters
• Welding
G
C
E
Gate
Collector
Emitter
G
E
C
 
G C
E
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
 
IRG8P15N120KDPbF 
TO‐247AC 
E
G
n-channel
C
IRG8P15N120KD‐EPbF 
TO‐247AD 
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 4, 2014
Features
Benchmark Low VCE(ON)
High Efficiency in a Motor Drive Applications
10μs Short Circuit SOA
Increases margin for short circuit protection scheme
Positive VCE(ON) Temperature Coefficient
Excellent Current Sharing in Parallel Operation
Square RBSOA and high ILM- rating
Rugged Transient Performance
Lead-Free, RoHS compliant
Environmentally friendly
Benefits 


Similar Part No. - IRG8P15N120KDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG8P08N120KDPBF IRF-IRG8P08N120KDPBF Datasheet
668Kb / 13P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG8P08N120KDPBF IRF-IRG8P08N120KDPBF_15 Datasheet
668Kb / 13P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG8P25N120KDPBF IRF-IRG8P25N120KDPBF Datasheet
639Kb / 11P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG8P25N120KDPBF IRF-IRG8P25N120KDPBF_15 Datasheet
639Kb / 11P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG8P40N120KDPBF IRF-IRG8P40N120KDPBF Datasheet
539Kb / 11P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRG8P15N120KDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com