Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH35UPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG7PH35UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH35UPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG7PH35UPBF Datasheet HTML 1Page - International Rectifier IRG7PH35UPBF Datasheet HTML 2Page - International Rectifier IRG7PH35UPBF Datasheet HTML 3Page - International Rectifier IRG7PH35UPBF Datasheet HTML 4Page - International Rectifier IRG7PH35UPBF Datasheet HTML 5Page - International Rectifier IRG7PH35UPBF Datasheet HTML 6Page - International Rectifier IRG7PH35UPBF Datasheet HTML 7Page - International Rectifier IRG7PH35UPBF Datasheet HTML 8Page - International Rectifier IRG7PH35UPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG7PH35UPbF/IRG7PH35U-EP
2
www.irf.com
Notes:
 VCC = 80% (VCES), VGE = 20V, RG = 10Ω.
‚ Pulse width limited by max. junction temperature.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
„ Rθ is measured at TJ of approximately 90°C.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
V
VGE = 0V, IC = 250μA
e
ΔV(BR)CES/ΔTJ
Temperature Coeff. of Breakdown Voltage
—1.2
V/°C
VGE = 0V, IC = 1mA (25°C-150°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
1.9
2.2
V
IC = 20A, VGE = 15V, TJ = 25°C
—2.3
IC = 20A, VGE = 15V, TJ = 150°C
—2.4
IC = 20A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
V
VCE = VGE, IC = 600μA
ΔVGE(th)/ΔTJ
Threshold Voltage temp. coefficient
-16
mV/°C VCE = VGE, IC = 600μA (25°C - 150°C)
gfe
Forward Transconductance
22
S
VCE = 50V, IC = 20A, PW = 30μs
ICES
Collector-to-Emitter Leakage Current
2.0
100
μAVGE = 0V, VCE = 1200V
—2000
VGE = 0V, VCE = 1200V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±30V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Qg
Total Gate Charge (turn-on)
85
130
IC = 20A
Qge
Gate-to-Emitter Charge (turn-on)
15
20
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
35
50
VCC = 600V
Eon
Turn-On Switching Loss
1060
1300
IC = 20A, VCC = 600V, VGE = 15V
Eoff
Turn-Off Switching Loss
620
850
μJRG = 10Ω, L = 200uH, LS = 150nH, TJ = 25°C
Etotal
Total Switching Loss
1680
2150
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
30
50
Diode clamp the same as IRG7PH35UDPbF
tr
Rise time
15
30
ns
td(off)
Turn-Off delay time
160
180
tf
Fall time
80
105
Eon
Turn-On Switching Loss
1880
IC = 20A, VCC = 600V, VGE=15V
Eoff
Turn-Off Switching Loss
1140
μJRG=10Ω, L=200uH, LS=150nH, TJ = 175°C eÃ
Etotal
Total Switching Loss
3020
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
25
Diode clamp the same as IRG7PH35UDPbF
tr
Rise time
20
ns
td(off)
Turn-Off delay time
200
tf
Fall time
200
Cies
Input Capacitance
1940
pF
VGE = 0V
Coes
Output Capacitance
60
VCC = 30V
Cres
Reverse Transfer Capacitance
40
f = 1.0Mhz
TJ = 175°C, IC = 80A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 960V, Vp =1200V
Rg = 10
Ω, VGE = +20V to 0V
Conditions


Similar Part No. - IRG7PH35UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH35UPBF IRF-IRG7PH35UPBF Datasheet
379Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG7PH35UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com