Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8069DESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # ICL8069DESA
Description  Low-Voltage Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL8069DESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  ICL8069DESA Datasheet HTML 1Page - Maxim Integrated Products ICL8069DESA Datasheet HTML 2Page - Maxim Integrated Products ICL8069DESA Datasheet HTML 3Page - Maxim Integrated Products ICL8069DESA Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The ICL8069 is a 1.2V temperature-compensated volt-
age reference. It uses the bandgap principle to achieve
excellent stability and low noise at reverse currents down
to 50µA. Maxim’s ICL8069 also features excellent stabili-
ty, freedom from oscillation.
Applications
Analog-to-Digital Converters
Digital-to-Analog Converters
Threshold Detectors
Voltage Regulators
Portable Instruments
Features
o Temperature Coefficient Guaranteed to 10ppm/°C
max
o Low Bias Current: 50µA min
o Low Dynamic Impedance
o Low Reverse Voltage
o Low Cost
Low-Voltage Reference
________________________________________________________________ Maxim Integrated Products
1
ANODE
N.C.
N.C.
1
2
8
7
N.C.
N.C.
N.C.
CATHODE
N.C.
SO
TOP VIEW
3
4
6
5
ICL8069
4.7
µF
6.8k
VOUT
10k
+5V
+5V
REF HI
1k
10k
ICL8069
2.2k
V+
COMMON
REF LO
ICL8069
*See Note 3
(a) Simple Reference (1.2V or Less)
(b) Double-Regulated 100mV Reference for ICL7107
One-Chip DPM Circuit
ICL7107
Typical Operating Circuit
19-0944; Rev 1; 3/99
PART
ICL8069BCSA
0°C to +70°C
TEMP.
RANGE
PIN-
PACKAGE
8 SO
Pin Configurations
Ordering Information
ICL8069DCSA
0°C to +70°C
8 SO
ICL8069CCSA
0°C to +70°C
8 SO
ICL8069DESA
-40°C to +85°C
8 SO
Ordering Information continued at end of data sheet.
MAX
TEMPCO
(ppm/°C)
25
100
50
100
BOTTOM VIEW
TO-52
TO-92
PLASTIC
2
1
2
1
ANODE
CATHODE
50
100
ICL8069CCZQ2
0°C to +70°C
TO-92
ICL8069DCZQ2
0°C to +70°C
TO-92


Similar Part No. - ICL8069DESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL8069DESA MAXIM-ICL8069DESA Datasheet
182Kb / 4P
   Low-Voltage Reference
Rev 2; 6/05
ICL8069DESA MAXIM-ICL8069DESA Datasheet
177Kb / 5P
   Low-Voltage Reference
19-0944; Rev 2; 6/05
More results

Similar Description - ICL8069DESA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
Maxim Integrated Produc...
MAX8069 MAXIM-MAX8069 Datasheet
147Kb / 4P
   Low-Voltage Reference
Rev 1; 9/06
logo
ON Semiconductor
MC1403 ONSEMI-MC1403_05 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
logo
Renesas Technology Corp
ICL8069 RENESAS-ICL8069 Datasheet
365Kb / 6P
   Low Voltage Reference
Jan 2004
ICL7665S RENESAS-ICL7665S Datasheet
765Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Maxim Integrated Produc...
ICL8069 MAXIM-ICL8069_05 Datasheet
182Kb / 4P
   Low-Voltage Reference
Rev 2; 6/05
logo
Intersil Corporation
ICL8069 INTERSIL-ICL8069 Datasheet
19Kb / 4P
   Low Voltage Reference
logo
Maxim Integrated Produc...
ICL8069 MAXIM-ICL8069 Datasheet
177Kb / 5P
   Low-Voltage Reference
19-0944; Rev 2; 6/05
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com