Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTX-3115SA4P-S6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTX-3115SA4P-S6A1E
Description  Intel짰 Atom??E3826 with Dual Giga LAN Fanless Compact Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTX-3115SA4P-S6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTX-3115SA4P-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. UTX-3115SA4P-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
UTX-3115
Rear Panel External I/O Mechanical Layout/Drawing
Front Panel External I/O Mechanical Layout/Drawing
Ordering Information
P/N
Description
CPU
CRT/HDMI/
uHDMI
G.LAN
COM
SATAII
USB3.0/2.0
Antenna
Antenna Post
WindRiver
IDP2.X
UTX-3115B-S6A1E
Barebone
E3826
1/1/1
2
1
1
1/2
0
2 +2*
No (w/o OS)
UTX-3115SA4-S6A1E
System w/4antenna,
2G RAM & 32G SSD
E3826
1/1/1
2
1
1
1/2
4
2 +2*
No (w/o OS)
UTX-3115SA4P-S6A1E
System w/4antenna,
2G RAM, 32G SSD, IDP
E3826
1/1/1
2
1
1
1/2
4
2 +2*
Yes
UTX-3115SA4L-S6A1E
System w/4antenna,
2G RAM & 32G SSD
E3815
1/1/1
2
1
1
1/2
4
2 +2*
No (w/o OS)
Note: *Two antenna post for Wifi module & two post for 3G/LTE
Packing List
Part Number
Description
UTX-3115
1 x UTX-3115 unit
2066311500
1 x Driver/Utility CD/Manual
2066311510
1 x Traditional Chinese user manual for CCC
2006311510
1 x Startup manual
1757004096-01
36W 12V 3A AC/DC Power Adaptor
Optional Items
Part Number
Description
1700001524
Power Cable 3-pin 180cm, USA type (For power adapter 1757004096-01)
170203183C
Power Cable 3-pin 180cm, Europe type (For power adapter 1757004096-01)
170203180A
Power Cable 3-pin 180cm, UK type (For power adapter 1757004096-01)
1700008921
Power Cable 3-pin PSE Mark 183cm (For power adapter 1757004096-01)
1702002600-01
Power cable 3-pin 183 cm, USA type (For power adapter 1757004522-01)
1700018705
Power cable 3-pin 183 cm, Europe type (For power adapter 1757004522-01)
1700018704
Power cable 3-pin 183 cm, UK type (For power adapter 1757004522-01)
1700000237-01
Power cable 3-pin 183 cm, PSE type (For power adapter 1757004522-01)
AIMB-0BRK-VM01
UTX-3115 Vesa Mount bracket kit
AIMB-0BRK-WM01 UTX-3115 Wallmount bracket kit
AIMB-0BRK-DR01
UTX-3115 DIN rail bracket kit
Dimensions
Unit: mm
138.50
116.40


Similar Part No. - UTX-3115SA4P-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTX-3115SA4P-S6A2E ADVANTECH-UTX-3115SA4P-S6A2E Datasheet
813Kb / 2P
   Intel Atom E3826/E3815 with Dual Giga LAN Fanless Compact Box PC
More results

Similar Description - UTX-3115SA4P-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTX-3115 ADVANTECH-UTX-3115 Datasheet
813Kb / 2P
   Intel Atom E3826/E3815 with Dual Giga LAN Fanless Compact Box PC
UTX-3117 ADVANTECH-UTX-3117 Datasheet
703Kb / 2P
   Intel Atom platform with Dual GbE LAN Fanless Compact Box
14-Oct-2021
ARK-1122F ADVANTECH-ARK-1122F_15 Datasheet
747Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
ARK-1122F ADVANTECH-ARK-1122F Datasheet
747Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
ARK-1122F ADVANTECH-ARK-1122F_V01 Datasheet
884Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
25-Jul-2017
ARK-1122H ADVANTECH-ARK-1122H_15 Datasheet
728Kb / 2P
   Intel짰 Atom??Dual Core N2600 with Independent Dual Displays Fanless Box PC
ARK-1122H ADVANTECH-ARK-1122H Datasheet
728Kb / 2P
   Intel짰 Atom??Dual Core N2600 with Independent Dual Displays Fanless Box PC
UNO-2173A ADVANTECH-UNO-2173A Datasheet
314Kb / 1P
   Intel짰 Atom??Fanless Box PC with 1 x LAN, 2 x COM, Mini-PCIe
ARK-1123C ADVANTECH-ARK-1123C_15 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com