Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC-3328B1-D1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIC-3328B1-D1E
Description  3U CompactPCI PlusIO Intel짰 3rd Generation Core??Processor Blade
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-3328B1-D1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIC-3328B1-D1E Datasheet HTML 1Page - Advantech Co., Ltd. MIC-3328B1-D1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
MIC-3328
RoHS
COMPLIANT
2002/95/EC
3U CompactPCI PlusIO Intel® 3rd Generation
Core™ Processor Blade
ƒ Supports 3rd Generation Intel® Core™ processor
ƒ Intel® QM77 Platform Controller Hub
ƒ 4 or 8 GB DDR3-1600 soldered SDRAM with ECC
ƒ Triple independent display support
ƒ Optional 8GB SATA NAND Flash on board
ƒ 2.5" SATA-II SSD, CFast, XMC on 8HP version
ƒ Two 10/100/1000 Mbps ports, 2 USB 3.0 ports, 1 VGA port on front panel
(4HP)
ƒ Two COM ports, 2 Display ports, 1 PS/2 port (8HP)
ƒ Supports CompactPCI PlusIO
ƒ PICMG2.0, R3.0 , PICMG2.1, R2.0, PICMG2.30 compliant
Introduction
Advantech’s MIC-3328 is a 3U CompactPCI PlusIO CPU blade based on the Intel® 3rd generation Core™ processor family. Based on latest 22nm process technology these processors
support up to four cores / eight threads at up to 2.5GHz and up to 6M last level cache. With Intel HD Graphics(Gen7,DX11,OCL1.1) integrated into the CPU, the MIC-3328 can serve
applications demanding high performance, high resolution video output on up to three independent display interfaces. Latest DDR3 DRAM up to 8GB running at 1600MT/s complement
the powerful processor with high performance, ECC protected onboard memory.
MIC-3328’s design for reliability like using soldered processor, DRAM and flash storage for enhanced shock and vibration tolerance make it an ideal choice for workstation workloads
in harsh environments and mission/business-critical applications such as military, transportation, test & measurement and traffic control. The enhanced fixed point and floating point
performance offered by the intel CoreTM processor, improvements in the vector processing instruction set (AVX) along with the possibility to utilize the integrated GPU via standard
interfaces such as OpenCL make the MIC-3328 also a great fit for signal processing applications such as radar, beam forming or image processing.
For best in class IO performance, MIC-3328 uses the Intel QM77 PCH, which provides extensive I/O support such as USB3.0, PCI Express gen.2 and SATA-III ports. Three i210 Gigabit
Ethernet Controllers provide front panel as well as rear panel network connectivity. The i210 provides higher performance over previous Gigabit Ethernet controllers, better support
for virtualization, Energy Efficient Ethernet and ECC protected packet buffers for enhanced reliability. Support for timestampping and synchronization is accomplished via IEEE1588
(PTP). Support for industrial Ethernet protocols such as ProfiNet, EtherCAT and Powerlink is available via third party software partners.
For dense applications the MIC-3328 is available with a 4HP front panel, occupying a single slot, only. For applications requiring additional IO and/or peripheral support, the MIC-
3328 can be extended to 8HP (2 slots) via specific extension modules (XTMs). For industrial display or workstation applications, a graphics-centric XTM routes two Display Ports
from the PCH for triple display support, adds 2 COM ports for data acquisition and control plus a PS/2 and 2.5" SSD. A second XTM provides a XMC mezzanine slot for industry
standard extension modules like Advantech’s MIC-3666 dual 10GE adapter card. The XMC slot supports a PCI Express x8 interface directly into the Intel CoreTM processor with
speeds up to 64Gbps according to PCI Express 3.0.
While support for legacy CompactPCI is provided on J1 via an onboard PI7C9X110 bridge, the MIC-3328 supports an UHM J2 connector according to PCIMG2.30 (PlusIO). While
this connector maintains backwards compatibility and interoperability with legacy systems, it makes state of the art serial interfaces such as Gigabit Ethernet, PCI express, USB and
SATA available for use on a Rear transition Module (RTM) or on a hybrid backplane supporting legacy IO cards as well as CompactPCI Serial peripheral cards as defined in PICMG2.30.
Thus, MIC-3328 provides a smooth, risk free and future proof migration path from legacy parallel PCI bussed CompactPCI system to latest serial interface standard predominant in
the computer industry. With full backwards compatibility to CompactPCI, customers investments stay protected while the door is opened for platform enhancements and innovations
via the new serial interfaces. The MIC-3328 PlusIO J2 supports interfaces such as 4 PCI Express x1 gen. 2 links for IO extension, one GbE for computer to computer multiprocessing,
three SATA for Hard drives and RAID systems as well as 4 USB ports for wireless interfaces and legacy interface replacement.
For more information about CompactPCI PlusIO and Serial offerings from Advantech or information on how this new platform can help you to gain competitive advantages, please
contact your Advantech representative.
Specifications
Processor System
CPU
Intel® 3nd Generation Core™ i7 up to 2.5 GHz (6MB L2 cache)
1.7G, 3517UE, 17w / 2.5G,3555LE, 25w/ 2.1G, 3612QE, 35w
Platform Controller Hub
Intel QM77
BIOS
Customized AMI Aptio UEFI BIOS
CompactPCI Interface
J1 Connector
32-bit PCI local bus (33MHz)
J2 Connector
CompactPCI PlusIO / RTM
Memory
Technology
DDR3-1600MHz SDRAM, dual channel with ECC support
Max. Capacity
8 GB
Soldered/socket
Soldered
Graphics
Chipset
Integrated in Intel CPU
Resolution
VGA 2048 x 1536 pixels with 32-bit color at 75 Hz
Display port 2560 x 1600 at 60 Hz
All product specifications are subject to change without notice
Last updated : 11-Jul-2014


Similar Part No. - MIC-3328B1-D1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3328 ADVANTECH-MIC-3328 Datasheet
645Kb / 1P
   Quad Ports Gigabit Ethernet XMC
17-Jun-2019
MIC-3328 ADVANTECH-MIC-3328 Datasheet
612Kb / 2P
   3U CompactPCI DC110V input Power Supply Unit
7-Dec-2020
MIC-3328 ADVANTECH-MIC-3328 Datasheet
676Kb / 2P
   3U CompactPCI® 4 Ports Gigabit Ethernet Card
7-Nov-2022
More results

Similar Description - MIC-3328B1-D1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3395MIL ADVANTECH-MIC-3395MIL_13 Datasheet
295Kb / 2P
   6U CompactPCI 3rd Generation Intel짰 Core??i7 Rugged Processor Blade with ECC
logo
Adlink Technology Inc.
VPX3001 ADLINK-VPX3001 Datasheet
757Kb / 4P
   Rugged 3U VPX 3rd Generation Intel Core i7 Processor Blade
CT-3510 ADLINK-CT-3510 Datasheet
232Kb / 2P
   Rugged Conduction Cooled 3U CompactPCI PlusIO Blade
logo
Intel Corporation
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Advantech Co., Ltd.
MIC-3326 ADVANTECH-MIC-3326_14 Datasheet
519Kb / 2P
   3U CompactPCI Intel짰 Atom??N455 Low Power Processor Blade
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
   3rd generation Intel짰 Core??processor-based platform
logo
AAEON Technology
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
   Intel짰 3rd/2nd Generation Core?
logo
Advantech Co., Ltd.
MIC-3393 ADVANTECH-MIC-3393 Datasheet
483Kb / 3P
   6U CompactPCI Intel짰 Xeon짰 Quad/Dual Core Processor Blade
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
   3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3396 ADVANTECH-MIC-3396_15 Datasheet
558Kb / 2P
   6U CompactPCI 4th Generation Intel짰 Core??i3/i5/i7 Processor Blade with ECC support
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com