Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPC-8682G1-00A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DSPC-8682G1-00A1E
Description  Full-length PCI Express Card with 8 TMS320C6678 DSPs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DSPC-8682G1-00A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DSPC-8682G1-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. DSPC-8682G1-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
Dimensions
DSP-8682
Unit: mm
Ordering Information
Part Number
Description
DSPC-8682G1-00A1E
Full-length PCI Express Card with 8 TMS320C6678 & 1GB DDR3 on board memory per DSP
DSPC-8682G2-00A1E
Full-length PCI Express Card with 8 TMS320C6678 & 2GB DDR3 on board memory per DSP
312
352.19
22.09
18.42
SGMII
SRIOx1
SGMII
SRIOx1
SGMII
SRIOx1
SGMII
SRIOx1
SGMII
SRIOx1
SGMII
SRIOx1
SRIOx2
SRIOx2
SRIOx2
SRIOx2
SRIOx2
SRIOx2
SRIOx2
SRIOx2
RJ45
W/ Xfmr
RJ45
W/ Xfmr
SGMII&MDIO&MDC(5482S input)
SGMII&MDIO
&MDC(5482S input)
PCIEx2
PCIEx2
PCIEx2
PCIEx2
PCIEx2
PCIEx2
PCIEx2
PCIEx2
PCIEx8
SGMII[1]x1
SRIO[1]x1
SGMII[0]x1
SRIO[0]x1
SRIO[2:3] x2 PCIE[0:1]x2 Hyperlink
I2C
DSP Block
Broadcom
BCM5482S
DDR3-1333
2GB (x64)
EEPROM
DSP0 Block
TMS320C6678
DDR3-1333
2GB (x64)
EEPROM
DSP7 Block
TMS320C6678
15W
24x24mm
DSP0~7
TI
TMS320C6678
DDR3-1333
2GB (x64)
EEPROM
DSP6 Block
TMS320C6678
21x21mm
Switch
IDT
CPS-1616
DDR3-1333
2GB (x64)
EEPROM
DSP5 Block
TMS320C6678
DDR3-1333
2GB (x64)
EEPROM
DSP4 Block
TMS320C6678
3.5W / 5.6W
27x27mm
12Ports/32Lanes
PCIEx8 (Gen3)
SRIO (Gen2)
PCIEx8 (Gen3)
PLX
PEX8748
DDR3-1333
2GB (x64)
EEPROM
DSP1 Block
TMS320C6678
DDR3-1333
2GB (x64)
EEPROM
DSP2 Block
TMS320C6678
DDR3-1333
2GB (x64)
EEPROM
DSP2 Block
TMS320C6678
EEPROM
128k-byte
DDR3
x16b
4Gb
DDR3-1333
4Gb*4


Similar Part No. - DSPC-8682G1-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSPC-8681 ADVANTECH-DSPC-8681 Datasheet
1Mb / 2P
   Half-length PCI Express Card with 4 TMS320C6678 DSPs
DSPC-8681-00A1E ADVANTECH-DSPC-8681-00A1E Datasheet
1Mb / 2P
   Half-length PCI Express Card with 4 TMS320C6678 DSPs
DSPC-8681E-00A1E ADVANTECH-DSPC-8681E-00A1E Datasheet
1Mb / 2P
   Half-length PCI Express Card with 4 TMS320C6678 DSPs
DSPC-8681G2-00A2E ADVANTECH-DSPC-8681G2-00A2E Datasheet
1Mb / 2P
   Half-length PCI Express Card with 4 TMS320C6678 DSPs
More results

Similar Description - DSPC-8682G1-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSP-8684 ADVANTECH-DSP-8684_14 Datasheet
574Kb / 2P
   Full-Length PCI Express Card with TI 66AK2H12 and TMS320C6678 DSPs
DSPC-8681 ADVANTECH-DSPC-8681 Datasheet
1Mb / 2P
   Half-length PCI Express Card with 4 TMS320C6678 DSPs
DSP-8681 ADVANTECH-DSP-8681_14 Datasheet
1Mb / 2P
   Half-length PCI Express Card with 4 TMS320C6678 DSPs
DSP-8683 ADVANTECH-DSP-8683_14 Datasheet
2Mb / 2P
   Half-Length PCI Express Card with TI 66AK2H12 and TMS320C6678 DSPs
logo
Axiomtek Co., Ltd.
AX92906 AXIOMTEK-AX92906_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with COM
AX92905 AXIOMTEK-AX92905_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with Audio
AX92907 AXIOMTEK-AX92907_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with SATA
AX92902 AXIOMTEK-AX92902 Datasheet
379Kb / 1P
   Full-Size PCI Express Mini Module
AX92902 AXIOMTEK-AX92902_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with Gigabit LAN
AX92903 AXIOMTEK-AX92903_17 Datasheet
679Kb / 3P
   Full-size PCI Express Mini Module with CAN Bus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com