Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPC-8661ACY01-AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DSPC-8661ACY01-AE
Description  1-ch H.264 USB Video Capture Module with SDK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DSPC-8661ACY01-AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DSPC-8661ACY01-AE Datasheet HTML 1Page - Advantech Co., Ltd. DSPC-8661ACY01-AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
Dimensions
Unit: mm
DSP-8601
Ordering Information
Part Number
Description
DSPC-8601-USBE
1-ch H.264 USB Video Capture Module with SDK
DSPC-8661ACY01-AE
JTAG debug board with cable
3 (*6)
0
3.18
20
34.83
38
3.43
14.48
28.67
11.71
32.40
4.50
34.50
H=0.5mm
3 (*6)
0
3.18
20
34.83
38
3.43
14.48
28.67
11.71
32.40
4.50
34.50
H=0.5mm
TI
TMS320DM365
TSSI
TS2713
TI
AC3104
ID#
3-
bit / SW
NAND
Flash
DDR2
1Gb x16
USB 2.0
EMIFA
GPIO
BT.656
I2S
Stereo
Audio Input
Debug Port
Video Input


Similar Part No. - DSPC-8661ACY01-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSPC-8661ACY01-AE ADVANTECH-DSPC-8661ACY01-AE Datasheet
885Kb / 2P
   16-ch PCIe Versatile Video Processing Board with SDK
DSPC-8661ACY01-AE ADVANTECH-DSPC-8661ACY01-AE Datasheet
943Kb / 2P
   8ch 3G-SDI Video Encoder Card with SDK
DSPC-8661ACY01-AE ADVANTECH-DSPC-8661ACY01-AE Datasheet
1Mb / 2P
   4ch HDMI Video Decoder Card with SDK
DSPC-8661ACY01-AE ADVANTECH-DSPC-8661ACY01-AE Datasheet
437Kb / 2P
   2ch HDMI/SDI Video Encoder Card with SDK
More results

Similar Description - DSPC-8661ACY01-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVP-8610E ADVANTECH-DVP-8610E Datasheet
404Kb / 2P
   1-Ch H.264 USB Video Capture Module with SDK
3-Aug-2013
DVP-7631E ADVANTECH-DVP-7631E Datasheet
785Kb / 2P
   4-ch H.264 PCI-104 Video Capture Module with SDK
DVP-7633E ADVANTECH-DVP-7633E Datasheet
907Kb / 2P
   4-ch H.264 mini-PCI Video Capture Module with SDK
DVP-7635E ADVANTECH-DVP-7635E Datasheet
685Kb / 2P
   4-ch H.264 PCI Video Capture Card with SDK
DVP-7637E ADVANTECH-DVP-7637E Datasheet
535Kb / 2P
   4-ch H.264 PCIe Video Capture Card with SDK
DVP-7015HE ADVANTECH-DVP-7015HE Datasheet
612Kb / 2P
   1-ch Full HD H.264 MiniPCIe Video Capture Card with SDK
DVP-7014HE ADVANTECH-DVP-7014HE Datasheet
1Mb / 2P
   1-ch Full HD H.264 MiniPCIe Video Capture Card with SDK
DVP-7637E ADVANTECH-DVP-7637E_V01 Datasheet
550Kb / 2P
   4-ch H.264 PCIe Video Capture Card with SDK
9-Jun-2021
DVP-7013E ADVANTECH-DVP-7013E Datasheet
738Kb / 2P
   1-ch H.264/MPEG-4 PCIe Video Capture Card with SDK
DVP-7610HE ADVANTECH-DVP-7610HE Datasheet
3Mb / 2P
   1-ch Full HD H.264 PCIe Video Capture Card with SDK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com