Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG508AEGE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG508AEGE
Description  Monolithic CMOS Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG508AEGE Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG508AEGE Datasheet HTML 1Page - Maxim Integrated Products DG508AEGE Datasheet HTML 2Page - Maxim Integrated Products DG508AEGE Datasheet HTML 3Page - Maxim Integrated Products DG508AEGE Datasheet HTML 4Page - Maxim Integrated Products DG508AEGE Datasheet HTML 5Page - Maxim Integrated Products DG508AEGE Datasheet HTML 6Page - Maxim Integrated Products DG508AEGE Datasheet HTML 7Page - Maxim Integrated Products DG508AEGE Datasheet HTML 8Page - Maxim Integrated Products DG508AEGE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
Maxim’s DG508A and DG509A are monolithic CMOS
analog multiplexers (muxes): the DG508A is a single
8-channel (1-of-8) mux, and the DG509A is a differential
4-channel (2-of-8) mux.
Both devices guarantee break-before-make switching.
Maxim guarantees these muxes will not latch up if the
power supplies are turned off with the input signals still
present. Maxim also guarantees continuous operation
when these devices are powered by supplies ranging
from ±4.5V to ±18V.
The DG508A/DG509A are plug-in upgrades for the indus-
try-standard DG08A/DG509A, respectively. Maxim’s parts
have lower on-resistance, faster enable switching times,
and significantly lower leakage currents. The DG508A/
DG509A also consume significantly lower power, making
them ideal for portable equipment.
Applications
Control Systems
Data Logging Systems
Aircraft Heads-Up Displays
Data-Acquisition Systems
Signal Routing
Features
o Improved Second Source
o Operate from ±4.5V to ±18V Supplies
o Symmetrical, Bidirectional Operation
o Logic and Enable Inputs, TTL and
CMOS Compatible
o Latchup-Proof Construction
o Monolithic, Low-Power CMOS Design
Monolithic CMOS Analog Multiplexers
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A0
A1
A2
GND
V+
S5
S6
S7
S8
TOP VIEW
DG508A
EN
V-
S3
S1
S2
S4
D
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A0
A1
GND
V+
S1B
S2B
S3B
S4B
DB
DG509A
DIP/SO
EN
V-
S3A
S1A
S2A
S4A
DA
Pin Configurations
Ordering Information
S1
-15V
D
ANALOG
OUTPUT
(INPUTS)
A0 A1 A2 EN
S2
V+
V-
GND
ANALOG
INPUT
(OUTPUTS)
+15V
+15V
ENABLE IN (MUX ON/OFF CONTROL)
CLOCK
IN
N.C.
N.C.
BIN
QB
QC
QD
QA
V+
AIN
r01 r02 GND
S3
S4
S5
S6
S7
S8
-15V
DG508A
Typical Operating Circuits
19-0028; Rev 3; 9/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
PART
TEMP RANGE
PIN-PACKAGE
DG508ACJ
0°C to +70°C
16 Plastic DIP
DG508ACWE
0°C to +70°C
16 Wide SO
DG508AC/D
0°C to +70°C
Dice*
DG508ABK
-20°C to +85°C
16 CERDIP
DG508ADJ
-40°C to +85°C
16 Plastic DIP
DG508ADY
-40°C to +85°C
16 Narrow SO
DG508AEGE
-40°C to +85°C
16 QFN
DG508AEWE
-40°C to +85°C
16 Wide SO
DG508AAK
-55°C to +125°C
16 CERDIP
Pin Configurations continued at end of data sheet.
8-CHANNEL SEQUENTIAL MUX/DEMUX
Typical Operating Circuits continued at end of data sheet.


Similar Part No. - DG508AEGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG508AEWE MAXIM-DG508AEWE Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
More results

Similar Description - DG508AEGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com