Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1169A Datasheet(PDF) 4 Page - ON Semiconductor

Part # ENA1169A
Description  Bipolar Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1169A Datasheet(HTML) 4 Page - ON Semiconductor

  ENA1169A Datasheet HTML 1Page - ON Semiconductor ENA1169A Datasheet HTML 2Page - ON Semiconductor ENA1169A Datasheet HTML 3Page - ON Semiconductor ENA1169A Datasheet HTML 4Page - ON Semiconductor ENA1169A Datasheet HTML 5Page - ON Semiconductor ENA1169A Datasheet HTML 6Page - ON Semiconductor ENA1169A Datasheet HTML 7Page - ON Semiconductor ENA1169A Datasheet HTML 8Page - ON Semiconductor ENA1169A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SFT1202
No.A1169-4/9
PC -- Tc
Case Temperature, Tc --
°C
IT13553
0
0
20
40
0.6
1.0
1.2
0.4
0.2
0.8
60
80
100
120
140
160
0
16
10
12
14
15
8
6
4
2
20
060
40
80
100
140
120
160
IT13554
Collector-to-Emitter Voltage, VCE -- V
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
A S O
0.1
7
2
5
3
2
5
3
2
2.5
1.0
7
5
3
0.01
0.01
0.1
25
32 3
72
1.0
5
37
2
10
5
37
2
100
5
37
IC=2A
ICP=3A
IT13555
0.1
7
2
5
3
2
5
3
2
2.5
1.0
7
5
3
0.01
0.01
0.1
25
32 3
72
1.0
5
37
2
10
5
37
2
100
5
37
IC=2A
ICP=3A
IT13556
Ta=25
°C
Single pulse
<10μs
<10μs
Tc=25
°C
Single pulse


Similar Part No. - ENA1169A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1161 SANYO-ENA1161 Datasheet
71Kb / 5P
   N-Channel Silicon MOSFET, Schottky Barrier Diode, General-Purpose Switching Device Applications
ENA1162 SANYO-ENA1162 Datasheet
60Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
ENA1163 SANYO-ENA1163 Datasheet
59Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
ENA1164 SANYO-ENA1164 Datasheet
59Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
ENA1165 SANYO-ENA1165 Datasheet
59Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
More results

Similar Description - ENA1169A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com