Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP51460SN33T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SCP51460SN33T1G
Description  High Accuracy Low Noise 20mA LDO Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCP51460SN33T1G Datasheet(HTML) 3 Page - ON Semiconductor

  SCP51460SN33T1G Datasheet HTML 1Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 2Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 3Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 4Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 5Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SCP51460
http://onsemi.com
3
Quiescent Current
IOUT = 0 mA, TA = 25°C
IOUT = 0 mA, 0°C ≤ TA ≤ 100°C
IQ
150
180
220
mA
Output Short Circuit Current
VOUT = 0 V, TA = 25°C
ISC
40
mA
Reverse Leakage
VIN = − 15 V, TA = 25°C
ILEAK
0.1
10
mA
Output Noise Voltage (Note 7)
f = 0.1 Hz to 10 Hz
f = 10 Hz to 1 kHz
VN
13.2
13.2
mVPP
mVrms
6. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
7. Peak−to−peak noise is measured with a single pole high pass filter at 0.1 Hz and 2−pole low pass filter at 10 Hz. The unit is enclosed into
still−air environment to eliminate thermocouple effects. The test time is set to 10 sec.
TYPICAL CHARACTERISTICS
Figure 2. Output Voltage vs. Temperature
Figure 3. Quiescent Current vs. Input Voltage
TEMPERATURE (°C)
INPUT VOLTAGE (V)
100
80
20
0
−20
−40
3.27
3.28
3.29
3.30
3.32
3.33
20
15
10
7.5
5.0
2.5
0
0
50
100
150
250
300
400
450
3 TYPICAL PARTS
100°C
200
350
25°C
−40°C
12.5
17.5
40
60
120 140
3.31


Similar Part No. - SCP51460SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCP51460SN33T1G ONSEMI-SCP51460SN33T1G Datasheet
105Kb / 6P
   High Accuracy Low Noise 20mA LDO Regulator
October, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com