Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP51460SN33T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SCP51460SN33T1G
Description  High Accuracy Low Noise 20mA LDO Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCP51460SN33T1G Datasheet(HTML) 5 Page - ON Semiconductor

  SCP51460SN33T1G Datasheet HTML 1Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 2Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 3Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 4Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 5Page - ON Semiconductor SCP51460SN33T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SCP51460
http://onsemi.com
5
APPLICATIONS INFORMATION
Input Decoupling Capacitor (CIN)
A ceramic or tantalum 0.1
mF capacitor is recommended
and should be connected close to the SCP51460 package.
Higher capacitance and lower ESR will improve the overall
line transient response.
Output Decoupling Capacitor (COUT)
The SCP51460 does not require any output capacitance to
be stable. With no capacitor at the output the device will have
faster VOUT rise time and will occupy less PCB space. In
some applications however the output capacitor could be
added. This will improve the overall transient response.
During the transients capacitors with low ESR (e.g. Ceramic
capacitors) will cause more ringing than the Tantalum or
Aluminum Capacitors.
SCP51460
GND
3.3 V
CIN
0.1 mF
VIN = 4.2 to 28 V
VIN
VOUT
VOUT
COUT
(3.3 V fixed)
Table 6 shows the maximum capacitance of COUT for
various load currents to avoid instability.
Table 6.
IOUT =
100 mA
IOUT =
1 mA
IOUT =
10 mA
IOUT =
20 mA
>10 mF
>10 mF
1 mF
0.68 mF
Thermal Characteristics
As power dissipation in the SCP51460 increases, it may
become necessary to provide some thermal relief. The
maximum power dissipation supported by the device is
dependent upon board design and layout. The board material
and the ambient temperature affect the rate of junction
temperature rise for the part. The maximum power
dissipation the SCP51460 can handle is given by:
PD(MAX) +
[TJ(MAX) * TA]
RqJA
(eq. 1)
Since TJ is not recommended to exceed 100°C (TJ(MAX)),
then the SCP51460 can dissipate up to 305 mW when the
ambient temperature (TA) is 25°C.
The power dissipated by the SCP51460 can be calculated
from the following equations:
PD [ Vin(IGND@Iout) ) Iout(Vin * Vout) (eq. 2)
or
Vin(MAX) [
PD(MAX) ) (Vout @ Iout)
Iout ) IGND
(eq. 3)
Hints
Vin and GND printed circuit board traces should be as
wide as possible. When the impedance of these traces is
high, there is a chance to pick up noise or cause the regulator
to malfunction. Place external components, especially the
output capacitor, as close as possible to the SCP51460, and
make traces as short as possible.
ORDERING INFORMATION
Device
Device Code
Package
Shipping
SCP51460SN33T1G
D46
SOT23−3
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - SCP51460SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCP51460SN33T1G ONSEMI-SCP51460SN33T1G Datasheet
105Kb / 6P
   High Accuracy Low Noise 20mA LDO Regulator
October, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com