Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG509AAK Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG509AAK
Description  Monolithic CMOS Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG509AAK Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DG509AAK Datasheet HTML 3Page - Maxim Integrated Products DG509AAK Datasheet HTML 4Page - Maxim Integrated Products DG509AAK Datasheet HTML 5Page - Maxim Integrated Products DG509AAK Datasheet HTML 6Page - Maxim Integrated Products DG509AAK Datasheet HTML 7Page - Maxim Integrated Products DG509AAK Datasheet HTML 8Page - Maxim Integrated Products DG509AAK Datasheet HTML 9Page - Maxim Integrated Products DG509AAK Datasheet HTML 10Page - Maxim Integrated Products DG509AAK Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Monolithic CMOS Analog Multiplexers
_______________________________________________________________________________________
7
DG508A
DG509A
EN
+5V
SWITCH
OUTPUT
VD
35pF
1k
ALL S
AND DA
DB, D
+2.4V
+15V
A0, A1, (A2)
GND
-15V
50
LOGIC
INPUT
V-
Figure 3. Break-Before-Make Test Circuit
topen
ttransition
ttransition
tOFF
(EN)
tON
(EN)
S8ON
3V
LOGIC INPUT
tr < 20ns
tf < 20ns
SWITCH
OUTPUT
VD
(SEE FIG. 1)
TRANSITION
TIME
SWITCH
OUTPUT
VD
(SEE FIG. 2)
TENABLE t(ON) t(OFF)
TIME
SWITCH
OUTPUT
VD
(SEE FIG. 3)
OPEN TIME
(B.B.M INTERVAL)
50%
0
VS1
VS8
0.8VS1
V0
VS
VS
50%
0V
0.9V0
0.1V0
0.8VS8
0
0
S1ON
Figure 4. Timing Diagram for Figures 1, 2, and 3
Table 1a. DG508A Truth Table
A2
A1
A0
EN
ON SWITCH
X
X
X
0
NONE
00
0
1
1
00
1
1
2
01
0
1
3
01
1
1
4
10
0
1
5
10
1
1
6
11
0
1
7
11
1
1
8
Table 1 b. DG509A Truth Table
A1
A0
EN
ON SWITCH
X
X
0
NONE
0011
0112
1013
1114
X = Don’t care.
X = Don’t care.


Similar Part No. - DG509AAK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG509AAK VISHAY-DG509AAK Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
Maxim Integrated Produc...
DG509AAK MAXIM-DG509AAK Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Vishay Siliconix
DG509AAK/883 VISHAY-DG509AAK/883 Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
More results

Similar Description - DG509AAK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com