Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV876950D250R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV876950D250R2G
Description  Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV876950D250R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV876950D250R2G Datasheet HTML 1Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 2Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 3Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 4Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 5Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 6Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 7Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 8Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 1
1
Publication Order Number:
NCV8769/D
NCV8769
Ultra Low Iq 150 mA LDO
Regulator with Reset and
Early Warning
The NCV8769 is 150 mA LDO regulator with integrated reset and
early warning functions dedicated for microprocessor applications. Its
robustness allows NCV8769 to be used in severe automotive
environments. Ultra low quiescent current as low as 25
mA typical for
NCV8769 makes it suitable for applications permanently connected to
battery requiring ultra low quiescent current with or without load. The
NCV8769 contains protection functions as current limit, thermal
shutdown and reverse output current protection.
Features
Output Voltage Options: 5 V
Output Voltage Accuracy: $2%
Output Current up to 150 mA
Ultra Low Quiescent Current:
− typ 25
mA for Adjustable Early Warning Threshold Option
Very Low Dropout Voltage
Microprocessor Compatible Control Functions:
− Reset with Adjustable Power−on Delay
− Early Warning
Wide Input Voltage Operation Range: up to 40 V
Protection Features:
− Current Limitation
− Thermal Shutdown
These are Pb−Free Devices
Typical Applications
Body Control Module
Instruments and Clusters
Occupant Protection and Comfort
Powertrain
Figure 1. Application Circuit
SI
SO
DT
RO
GND
NCV8769y0
Microprocessor
VBAT
0.1 mF
Cin
RESET
I/O
1 mF
Cout
Vout
Vin
RSI1
VDD
RSI2
http://onsemi.com
http://onsemi.com
ORDERING INFORMATION
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
SO−14
D SUFFIX
CASE 751A
1
14
V8769YZXXG
AWLYWWG
1
14
Y
= Timing and Reset Threshold Option*
Z
= Early Warning Option*
XX
= Voltage Option
5.0 V (XX = 50)
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
*See Application Information Section.


Similar Part No. - NCV876950D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8768ABD250R2G ONSEMI-NCV8768ABD250R2G Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD33ABR2G ONSEMI-NCV8768CD33ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD50ABR2G ONSEMI-NCV8768CD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
More results

Similar Description - NCV876950D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com