Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8768 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8768
Description  Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8768 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8768 Datasheet HTML 7Page - ON Semiconductor NCV8768 Datasheet HTML 8Page - ON Semiconductor NCV8768 Datasheet HTML 9Page - ON Semiconductor NCV8768 Datasheet HTML 10Page - ON Semiconductor NCV8768 Datasheet HTML 11Page - ON Semiconductor NCV8768 Datasheet HTML 12Page - ON Semiconductor NCV8768 Datasheet HTML 13Page - ON Semiconductor NCV8768 Datasheet HTML 14Page - ON Semiconductor NCV8768 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCV8768
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 22. Reset Threshold vs Temperature
Figure 23. Reset Delay Time vs Temperature
4.60
4.65
4.70
4.75
4.80
TJ, JUNCTION TEMPERATURE (°C)
0
20
40
60
120
−40 −20
80
100
140 160
Vin = 13.2 V
14
15
16
17
18
TJ, JUNCTION TEMPERATURE (°C)
0
20
40
60
120
−40 −20
80
100
140 160
Vin = 13.2 V
Reset Mode = FAST


Similar Part No. - NCV8768

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD33ABR2G ONSEMI-NCV8768CD33ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD50ABR2G ONSEMI-NCV8768CD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CPD50ABR2G ONSEMI-NCV8768CPD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
More results

Similar Description - NCV8768

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com