Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8768 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8768
Description  Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8768 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8768 Datasheet HTML 1Page - ON Semiconductor NCV8768 Datasheet HTML 2Page - ON Semiconductor NCV8768 Datasheet HTML 3Page - ON Semiconductor NCV8768 Datasheet HTML 4Page - ON Semiconductor NCV8768 Datasheet HTML 5Page - ON Semiconductor NCV8768 Datasheet HTML 6Page - ON Semiconductor NCV8768 Datasheet HTML 7Page - ON Semiconductor NCV8768 Datasheet HTML 8Page - ON Semiconductor NCV8768 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 0
1
Publication Order Number:
NCV8768/D
NCV8768
Ultra Low Iq 150 mA LDO
Regulator with Window
Watchdog, Enable and
Reset
The NCV8768 is 150 mA LDO regulator with integrated window
watchdog and reset functions dedicated for microprocessor
applications. Its robustness allows NCV8768 to be used in severe
automotive environments. Ultra low quiescent current as low as 31
mA
typical makes it suitable for applications permanently connected to
battery requiring ultra low quiescent current with or without load. The
Enable function can be used for further decrease of quiescent current
down to 1
mA.
The NCV8768 contains protection functions as current limit and
thermal shutdown.
Features
Output Voltage Options: 5 V
Output Voltage Accuracy: $1.5% (TJ = 25°C to 125°C)
Output Current up to 150 mA
Ultra Low Quiescent Current: Typ 31 mA (max 35 mA)
Very Low Dropout Voltage
Enable Function
Microprocessor Compatible Control Functions:
Reset with Adjustable Power−on Delay
Window Watchdog
Wide Input Voltage Operation Range: up to 40 V
Protection Features:
Current Limitation
Reverse Output Current
Thermal Shutdown
These are Pb−Free Devices
Typical Applications
Body Control Module
Instruments and Clusters
Occupant Protection and Comfort
Powertrain
VBAT
NCV8768
Vin
Vout
GND
Vout
Cin
0.1
mF
RO
WDI
WM1
WM2
Microprocessor
VDD
RESET
I/O
I/O
I/O
Cout
1.0
mF
EN
ON
OFF
Figure 1. Application Schematic
SOIC−14
CASE 751A
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
ZZ
= Timing, Reset Threshold,
Watchdog Control Options*
XX
= Voltage Options
= 5 V (XX = 50)
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G= Pb−Free Package
http://onsemi.com
1
14
V8768ZZXXG
AWLYWW
1
14
*See APPLICATION INFORMATION Section.


Similar Part No. - NCV8768

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD33ABR2G ONSEMI-NCV8768CD33ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD50ABR2G ONSEMI-NCV8768CD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CPD50ABR2G ONSEMI-NCV8768CPD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
More results

Similar Description - NCV8768

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com