Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8752AMX28TCG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8752AMX28TCG
Description  200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8752AMX28TCG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8752AMX28TCG Datasheet HTML 7Page - ON Semiconductor NCV8752AMX28TCG Datasheet HTML 8Page - ON Semiconductor NCV8752AMX28TCG Datasheet HTML 9Page - ON Semiconductor NCV8752AMX28TCG Datasheet HTML 10Page - ON Semiconductor NCV8752AMX28TCG Datasheet HTML 11Page - ON Semiconductor NCV8752AMX28TCG Datasheet HTML 12Page - ON Semiconductor NCV8752AMX28TCG Datasheet HTML 13Page - ON Semiconductor NCV8752AMX28TCG Datasheet HTML 14Page - ON Semiconductor NCV8752AMX28TCG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NCV8752
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 39. Input Voltage Turn−on Response
NCV8752B, VOUT = 0.8 V
500 ms/div
Figure 40. Input Voltage Turn−off Response
NCV8752B, VOUT = 0.8 V
2 ms/div
VOUT = 0 V
VPG = 0 V
VIN = VEN = 0 V
VIN = VEN = 2.0 V
VPG = 0.8 V
VOUT = 0.8 V
IOUT = 1 mA
VIN = VEN = 2.0 V
VOUT = 0.8 V
VPG = 0.8 V
VOUT = 0 V
VPG = 0 V
VIN = VEN = 0 V
Figure 41. Input Voltage Turn−on Response
NCV8752B, VOUT = 1.8 V
500 ms/div
VIN = VEN = 2.3 V
VPG = 1.8 V
VOUT = 1.8 V
IOUT = 1 mA
VOUT = 0 V
VPG = 0 V
VIN = VEN = 0 V
Figure 42. Input Voltage Turn−off Response
NCV8752B, VOUT = 1.8 V
500 ms/div
VPG = 1.8 V
VOUT = 1.8 V
VIN = VEN = 2.3 V
VOUT = 0 V
VPG = 0 V
VIN = VEN = 0 V
Figure 43. Input Voltage Turn−on Response
NCV8752B, VOUT = 3.3 V
500 ms/div
VOUT = 0 V
VPG = 0 V
VIN = VEN = 0 V
VIN = VEN = 2.3 V
VPG = 1.8 V
VOUT = 1.8 V
VPG = 3.3 V
VOUT = 3.3 V
VIN = VEN = 3.8 V
VOUT = 0 V
VPG = 0 V
VIN = VEN = 0 V
Figure 44. Input Voltage Turn−off Response
NCV8752B, VOUT = 3.3 V
1 ms/div


Similar Part No. - NCV8752AMX28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8752AMX28TCG ONSEMI-NCV8752AMX28TCG Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com