Electronic Components Datasheet Search |
|
AUIRFR3607 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
AUIRFR3607 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 13 page AUIRFR/U3607 6 www.irf.com Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case Fig 14. Typical Avalanche Current vs.Pulsewidth Fig 15. Maximum Avalanche Energy vs. Temperature Notes on Repetitive Avalanche Curves , Figures 14, 15: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 22a, 22b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. ΔT = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25°C in Figure 14, 15). tav = Average time in avalanche. D = Duty cycle in avalanche = tav ·f ZthJC(D, tav) = Transient thermal resistance, see Figures 13) PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC Iav = 2 DT/ [1.3·BV·Zth] EAS (AR) = PD (ave)·tav 1E-006 1E-005 0.0001 0.001 0.01 0.1 t1 , Rectangular Pulse Duration (sec) 0.00 0.01 0.10 1.00 10.00 0.20 0.10 D = 0.50 0.02 0.01 0.05 SINGLE PULSE ( THERMAL RESPONSE ) Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc τ J τ J τ 1 τ 1 τ 2 τ 2 τ 3 τ 3 R 1 R 1 R 2 R 2 R 3 R 3 Ci i /Ri Ci= τi/Ri τ τ C τ 4 τ 4 R 4 R 4 Ri (°C/W) τi (sec) 0.01109 0.000003 0.26925 0.000130 0.49731 0.001301 0.26766 0.008693 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 tav (sec) 0.1 1 10 100 1000 0.05 Duty Cycle = Single Pulse 0.10 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming ΔΤj = 25°C and Tstart = 150°C. 0.01 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming ΔTj = 150°C and Tstart =25°C (Single Pulse) 25 50 75 100 125 150 175 Starting TJ , Junction Temperature (°C) 0 25 50 75 100 125 150 TOP Single Pulse BOTTOM 1.0% Duty Cycle ID = 46A |
Similar Part No. - AUIRFR3607 |
|
Similar Description - AUIRFR3607 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |