Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFR2905Z Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AUIRFR2905Z
Description  Ultra Low On-Resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFR2905Z Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AUIRFR2905Z Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRFR2905Z Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFR2905Z Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFR2905Z Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFR2905Z Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFR2905Z Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFR2905Z Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFR2905Z Datasheet HTML 9Page - List of Unclassifed Manufacturers AUIRFR2905Z Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AUIRFR2905Z
6
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10. Normalized On-Resistance
Vs. Temperature
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
LIMITED BY PACKAGE
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 36A
VGS = 10V
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.3962
0.00012
0.5693
0.00045
0.4129
0.0015
τ
J
τ
J
τ1
τ
1
τ2
τ
2
τ
3
τ3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci
i
/Ri
Ci=
τi/Ri


Similar Part No. - AUIRFR2905Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR2905Z IRF-AUIRFR2905Z Datasheet
290Kb / 13P
   HEXFET짰 Power MOSFET
logo
Kersemi Electronic Co.,...
AUIRFR2905Z KERSEMI-AUIRFR2905Z Datasheet
3Mb / 11P
   Advanced Process Technology
logo
Infineon Technologies A...
AUIRFR2905Z INFINEON-AUIRFR2905Z Datasheet
673Kb / 11P
   AUTOMOTIVE GRADE
2015-10-12
logo
International Rectifier
AUIRFR2905ZTR IRF-AUIRFR2905ZTR Datasheet
290Kb / 13P
   HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
AUIRFR2905ZTRL INFINEON-AUIRFR2905ZTRL Datasheet
673Kb / 11P
   AUTOMOTIVE GRADE
2015-10-12
More results

Similar Description - AUIRFR2905Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com