Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFR024N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AUIRFR024N
Description  Low On-Resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFR024N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AUIRFR024N Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRFR024N Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRFR024N Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFR024N Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFR024N Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFR024N Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFR024N Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFR024N Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFR024N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AUIRFR/U024N
2
www.irf.com
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
∆V(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.052
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.075
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
4.5
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
25
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Qg
Total Gate Charge
–––
–––
20
Qgs
Gate-to-Source Charge
–––
–––
5.3
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
7.6
td(on)
Turn-On Delay Time
–––
4.9
–––
tr
Rise Time
–––34–––
td(off)
Turn-Off Delay Time
–––
19
–––
ns
tf
Fall Time
–––27–––
LD
Internal Drain Inductance
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
from package
and center of die contact
Ãg
Ciss
Input Capacitance
–––
370
–––
Coss
Output Capacitance
–––
140
–––
Crss
Reverse Transfer Capacitance
–––
65
–––
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
56
83
ns
Qrr
Reverse Recovery Charge
–––
120
180
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
pF
–––
–––
–––
–––
17
g
68
–––
–––
–––
–––
4.5
7.5
VGS = 10V,See Fig 6 and 13
fh
VDD = 28V
ID = 10A
RG = 24
Ω,
TJ = 25°C, IS = 10A, VGS = 0V f
TJ = 25°C, IF = 10A
di/dt = 100A/µs
fh
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 10A
f
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V
VDS = 44V, VGS = 0V, TJ = 150°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VDS = 25V, ID = 10A h
ID = 10A
VDS = 44V
Conditions
RD = 2.6
Ω, See Fig.10Ãfh
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig.5
VGS = 20V
VGS = -20V
S
D
G
S
D
G
 Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11)
‚ VDD = 25V, starting TJ = 25°C, L = 1mH, RG = 25Ω, IAS = 10A. (See Figure 12)
ƒ ISD ≤ 10A, di/dt ≤ 280A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%
… This is applied for I-PAK, LS of D-PAK is measured between lead and center of die contact .
† Uses IRFZ24N data and test conditions.
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994


Similar Part No. - AUIRFR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR024N IRF-AUIRFR024N Datasheet
385Kb / 13P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRFR024N INFINEON-AUIRFR024N Datasheet
489Kb / 11P
   Low On-Resistance
2015-10-12
logo
International Rectifier
AUIRFR024NTR IRF-AUIRFR024NTR Datasheet
385Kb / 13P
   Advanced Planar Technology
AUIRFR024NTRL IRF-AUIRFR024NTRL Datasheet
385Kb / 13P
   Advanced Planar Technology
AUIRFR024NTRR IRF-AUIRFR024NTRR Datasheet
385Kb / 13P
   Advanced Planar Technology
More results

Similar Description - AUIRFR024N

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com