Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFL014N Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AUIRFL014N
Description  Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFL014N Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AUIRFL014N Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRFL014N Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRFL014N Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFL014N Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFL014N Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFL014N Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFL014N Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFL014N Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFL014N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
March 26, 2014
AUIRFL014N
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
50
100
150
200
250
300
350
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
12
16
20
0
2468
10
Q , Total Gate Charge (nC)
G
A
I = 1.7A
V
= 44V
V
= 28V
V
= 11V
FOR TEST CIRCUIT
SEE FIGURE 9
D
DS
DS
DS
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
0.1
1
10
100
1
10
100
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
100μs
1ms
10ms
A
T
= 25°C
T
= 150°C
Single Pulse
A
J


Similar Part No. - AUIRFL014N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFL014N IRF-AUIRFL014N Datasheet
219Kb / 11P
   Advanced Planar Technology Low On-Resistance
logo
Infineon Technologies A...
AUIRFL014N INFINEON-AUIRFL014N Datasheet
416Kb / 9P
   AUTOMOTIVE GRADE
2015-10-5
logo
International Rectifier
AUIRFL014NTR IRF-AUIRFL014NTR Datasheet
219Kb / 11P
   Advanced Planar Technology Low On-Resistance
logo
Infineon Technologies A...
AUIRFL014NTR INFINEON-AUIRFL014NTR Datasheet
416Kb / 9P
   AUTOMOTIVE GRADE
2015-10-5
More results

Similar Description - AUIRFL014N

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com