Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFB3207 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AUIRFB3207
Description  Ultra Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFB3207 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AUIRFB3207 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFB3207 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFB3207 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFB3207 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFB3207 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFB3207 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFB3207 Datasheet HTML 9Page - List of Unclassifed Manufacturers AUIRFB3207 Datasheet HTML 10Page - List of Unclassifed Manufacturers AUIRFB3207 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AUIRFB3207
www.irf.com
7
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage Vs. Temperature
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 1.0A
ID = 1.0mA
ID = 250µA
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
100
200
300
400
IF = 30A
VR = 64V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
2
4
6
8
10
12
14
16
IF = 30A
VR = 64V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
100
200
300
400
IF = 45A
VR = 64V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
2
4
6
8
10
12
14
16
IF = 45A
VR = 64V
TJ = 125°C
TJ = 25°C


Similar Part No. - AUIRFB3207

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFB3207 IRF-AUIRFB3207 Datasheet
288Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - AUIRFB3207

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com