Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF3205ZS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AUIRF3205ZS
Description  Ultra Low On-Resistance
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF3205ZS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AUIRF3205ZS Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF3205ZS Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF3205ZS Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF3205ZS Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF3205ZS Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF3205ZS Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF3205ZS Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF3205ZS Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF3205ZS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AUIRF3205Z/ZS
4
www.irf.com
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
Vs. Drain Current
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
4.5V 20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
4.5V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 25V
20µs PULSE WIDTH
0
20
406080
100
ID, Drain-to-Source Current (A)
0
20
40
60
80
100
120
TJ = 25°C
TJ = 175°C
VDS = 10V
20µs PULSE WIDTH


Similar Part No. - AUIRF3205ZS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF3205ZS IRF-AUIRF3205ZS Datasheet
335Kb / 14P
   HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
AUIRF3205ZS INFINEON-AUIRF3205ZS Datasheet
713Kb / 12P
   AUTOMOTIVE GRADE
2015-11-13
logo
International Rectifier
AUIRF3205ZSTRL IRF-AUIRF3205ZSTRL Datasheet
335Kb / 14P
   HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
AUIRF3205ZSTRL INFINEON-AUIRF3205ZSTRL Datasheet
713Kb / 12P
   AUTOMOTIVE GRADE
2015-11-13
logo
International Rectifier
AUIRF3205ZSTRR IRF-AUIRF3205ZSTRR Datasheet
335Kb / 14P
   HEXFET짰 Power MOSFET
More results

Similar Description - AUIRF3205ZS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com