Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF1324WL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AUIRF1324WL
Description  Ultra Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF1324WL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AUIRF1324WL Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF1324WL Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF1324WL Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF1324WL Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF1324WL Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF1324WL Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF1324WL Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF1324WL Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF1324WL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AUIRF1324WL
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Package limitation current is 240A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements.
(Refer to AN-1140
http://www.irf.com/technical-info/appnotes/an-1140.pdf
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.028mH
RG = 50, IAS = 195A, VGS =10V. Part not recommended for use
above this value.
S
D
G
„ ISD  195A, di/dt  600A/μs, VDD V(BR)DSS, TJ  175°C.
… Pulse width  400μs; duty cycle  2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ Ris measured at TJ approximately 90°C.
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
24
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
––– 0.022 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.16
1.30
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
210
–––
–––
S
RG
Internal Gate Resistance
–––
2.4
–––
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
120
180
Qgs
Gate-to-Source Charge
–––
58
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
36
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
84
–––
td(on)
Turn-On Delay Time
–––
18
–––
tr
Rise Time
–––
200
–––
td(off)
Turn-Off Delay Time
–––
75
–––
tf
Fall Time
–––
110
–––
Ciss
Input Capacitance
–––
7630
–––
Coss
Output Capacitance
–––
3390
–––
Crss
Reverse Transfer Capacitance
–––
1960
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) ––– 4660 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)
–––
4685
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 382™
(Body Diode)
ISM
Pulsed Source Current
–––
–––
1530
(Body Diode)Ãd
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
46
69
TJ = 25°C
VR = 20V,
–––
45
68
TJ = 125°C
IF = 195A
Qrr
Reverse Recovery Charge
–––
395
593
TJ = 25°C
di/dt = 100A/μs g
–––
345
518
TJ = 125°C
IRRM
Reverse Recovery Current
–––
1.9
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 195A
RG = 2.7
VGS = 10V g
VDD = 16V
ID = 195A, VDS =0V, VGS = 10V g
TJ = 25°C, IS = 195A, VGS = 0V g
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA g
VGS = 10V, ID = 195A g
VDS = VGS, ID = 250μA
VDS = 24V, VGS = 0V
VDS = 19V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS =12V
Conditions
VGS = 10V g
VGS = 0V
VDS = 19V
ƒ = 1.0MHz, See Fig.5
VGS = 0V, VDS = 0V to 19V i, See Fig.11
VGS = 0V, VDS = 0V to 19V hÃ
Conditions
VDS = 10V, ID = 195A
ID = 195A
VGS = 20V
VGS = -20V
nA
μA
nC
ns
pF
A
ns
nC


Similar Part No. - AUIRF1324WL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
More results

Similar Description - AUIRF1324WL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com