Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG423DN Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DG423DN
Description  Improved Low-Power, CMOS Analog Switches with Latches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG423DN Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DG423DN Datasheet HTML 4Page - Maxim Integrated Products DG423DN Datasheet HTML 5Page - Maxim Integrated Products DG423DN Datasheet HTML 6Page - Maxim Integrated Products DG423DN Datasheet HTML 7Page - Maxim Integrated Products DG423DN Datasheet HTML 8Page - Maxim Integrated Products DG423DN Datasheet HTML 9Page - Maxim Integrated Products DG423DN Datasheet HTML 10Page - Maxim Integrated Products DG423DN Datasheet HTML 11Page - Maxim Integrated Products DG423DN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
_______________________________________________________________________________________
9
_____________________________________________Pin Configurations (continued)
21
20
D3
S3
N.C.
S4
D4
18
17
16
15
14
4
5
6
7
8
V-
GND
N.C.
VL
V+
319
13
910
11
12
DG423
DG425
PLCC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
S1
IN1
V-
GND
S3
D3
WR
D1
DG423
DG425
VL
V+
IN2
S2
D2
RS
D4
S4
DIP
_____________________________Functional Diagrams/Truth Tables (continued)
WR
RS
IN
SWITCH 1, 2
0
1
0
1
Off
On
LOGIC "O"
≤ 0.8V
LOGIC "1"
≥ 2.4V
DG423 TRUTH TABLE
D2
D1
CK
D
Q
TWO SPDT SWITCHES PER PACKAGE
S1
WR
IN1
IN2
RS
S2
DG423
S3
R
Q
CK
D
Q
R Q
S4
D3
D4
SWITCH 3, 4
On
Off
D2
D1
CK
D
TWO DPST SWITCHES PER PACKAGE
S1
WR
IN1
IN2
RS
S2
DG425
S3
R
Q
CK
D
R Q
S4
D3
D4
WR RS IN SWITCH
01
0
1
Off
On
LOGIC "O"
≤ 0.8V
LOGIC "1"
≥ 2.4V
DG425 TRUTH TABLE
LATCH OPERATION TRUTH TABLE
WR
RS
IN
X1
X1
LATCH/SWITCH X
X
X
0
0
X
X
Latch operation transparent.
Control data latched in.
Switches on or off as selected by last IN.
All latches reset. Switches on or off as
when IN = 0, WR = 0, RS = 1.
TOP VIEW
N.C. = No Internal Connection


Similar Part No. - DG423DN

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DG42-B1A HIROSE-DG42-B1A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B1AA HIROSE-DG42-B1AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2A HIROSE-DG42-B2A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2AA HIROSE-DG42-B2AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B3A HIROSE-DG42-B3A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
More results

Similar Description - DG423DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com