Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409CY Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG409CY
Description  iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG409CY Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DG409CY Datasheet HTML 3Page - Maxim Integrated Products DG409CY Datasheet HTML 4Page - Maxim Integrated Products DG409CY Datasheet HTML 5Page - Maxim Integrated Products DG409CY Datasheet HTML 6Page - Maxim Integrated Products DG409CY Datasheet HTML 7Page - Maxim Integrated Products DG409CY Datasheet HTML 8Page - Maxim Integrated Products DG409CY Datasheet HTML 9Page - Maxim Integrated Products DG409CY Datasheet HTML 10Page - Maxim Integrated Products DG409CY Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Improved, 16-Channel/Dual 8-Channel,
CMOS Analog Multiplexers
_______________________________________________________________________________________
7
______________________________________________Test Circuits/Timing Diagrams
50%
tTRANS
tR < 20ns
tF < 20ns
VOUT
+3V
0V
VS1
0V
VS16
LOGIC
INPUT
SWITCH
OUTPUT
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
A3
EN
S1
S2-S15
S16
D
±10V
+10V
50
DG406
300
35pF
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
EN
S1B
S1A-S8A
S8B
DB
±10V
50
DG407
300
35pF
90%
90%
tTRANS
ON
+10V
50%
tOFF(EN)
tR < 20ns
tF < 20ns
VOUT
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
A3
EN
S1
S2-S16
D
-5V
50
DG406
1k
35pF
90%
10%
tON(EN)
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
EN
S1B
S1A-S16A
S2B-S16B,
DA
DB
-5V
50
DG407
1k
35pF
Figure 2. Transition Time
Figure 3. Enable Switching Time


Similar Part No. - DG409CY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG409CY MAXIM-DG409CY Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
More results

Similar Description - DG409CY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG408409 MAXIM-DG408409 Datasheet
35Kb / 5P
   IMPROVED 8-CHANNEL/DUAL 4-CHANNEL CMOS ANALOG MULTIPLEXER
19-0088 Rev. C
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com