Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8537MN500R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8537MN500R2G
Description  500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8537MN500R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8537MN500R2G Datasheet HTML 1Page - ON Semiconductor NCV8537MN500R2G Datasheet HTML 2Page - ON Semiconductor NCV8537MN500R2G Datasheet HTML 3Page - ON Semiconductor NCV8537MN500R2G Datasheet HTML 4Page - ON Semiconductor NCV8537MN500R2G Datasheet HTML 5Page - ON Semiconductor NCV8537MN500R2G Datasheet HTML 6Page - ON Semiconductor NCV8537MN500R2G Datasheet HTML 7Page - ON Semiconductor NCV8537MN500R2G Datasheet HTML 8Page - ON Semiconductor NCV8537MN500R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCV8537
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS − 1.8 V
(Vout = 1.8 V typical, Vin = 2.9 V, TA = −40C to +125C, unless otherwise noted, Note 2)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (Accuracy)
Vin = 2.9 V to 5.8 V, Iload = 0.1 mA to 500 mA, TA = 25C
Vout
−0.9%
1.783
1.8
+0.9%
1.817
V
Output Voltage (Accuracy)
Vin = 2.9 V to 5.8 V, Iload = 0.1 mA to 500 mA, TA = 0C to +85C
Vout
−1.4%
1.774
1.8
+1.4%
1.826
V
Output Voltage (Accuracy)
Vin = 2.9 V to 5.8 V, Iload = 0.1 mA to 500 mA, TA = −40C to +125C
Vout
−1.5%
1.773
1.8
+1.5%
1.827
V
Minimum Input Voltage
Vinmin
2.9
V
Line Regulation
Vin = 2.9 V to 12 V, Iload = 0.1 mA
LineReg
0.04
mV/V
Load Regulation
Vin = 2.9 V, Iload = 0.1 mA to 500 mA
LoadReg
0.04
mV/mA
Dropout Voltage (See Figure 9)
Iload = 500 mA (Notes 3, 4)
Iload = 300 mA (Notes 3, 4)
Iload = 50 mA (Notes 3, 4)
VDO
620
230
95
mV
Peak Output Current (See Figures 14 and 17)
Ipk
500
700
830
mA
Short Output Current (See Figure 14) Vin < 7 V, TA = 25C
Isc
900
mA
Thermal Shutdown / Hysteresis
TJ
160/10
C
Ground Current
In Regulation
Iload = 500 mA (Note 3)
Iload = 300 mA (Note 3)
Iload = 50 mA
Iload = 0.1 mA
In Dropout
Vin = 2.2 V, Iload = 0.1 mA
In Shutdown
VSD = 0 V
IGND
IGNDsh
9.0
4.6
0.8
14
7.5
2.5
220
500
1.0
mA
mA
mA
mA
Output Noise
Cnr = 0 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Cnr = 10 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Vnoise
52
33
mVrms
mVrms
Power Good Voltage
Low Threshold
Hysteresis
High Threshold
Velft
93
95
2
97
99
% of
Vout
Power Good Pin Voltage Saturation (Ief − 1.0 mA)
Vefdo
200
mV
Power Good Pin Leakage
Iefleak
1.0
mA
Power Good Blanking Time (Note 7)
tef
50
ms
Shutdown
Threshold Voltage ON
Threshold Voltage OFF
VSD
2.0
0.4
V
V
SD Input Current, VSD = 0 V to 0.4 V or VSD = 2.0 V to Vin
ISD
0.07
1.0
mA
Output Current In Shutdown Mode, Vout = 0 V
IOSD
0.07
1.0
mA
Reverse Bias Protection, Current Flowing from the Output Pin to GND
(Vin = 0 V, Vout_forced = 1.8 V)
IOUTR
10
mA
2. Performance guaranteed over the operating temperature range by design and/or characterization, production tested at TJ = TA = 25C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
3. TA must be greater than 0C.
4. Maximum dropout voltage is limited by minimum input voltage Vin = 2.9 V recommended for guaranteed operation.


Similar Part No. - NCV8537MN500R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8537MN500R2G ONSEMI-NCV8537MN500R2G Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
More results

Similar Description - NCV8537MN500R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3337MNADJR2G ONSEMI-NCP3337MNADJR2G Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCP3337 ONSEMI-NCP3337 Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TPS7A26 TI1-TPS7A26 Datasheet
840Kb / 18P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26_1903 TI1-TPS7A26_1903 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26 TI1-TPS7A26_19 Datasheet
1,009Kb / 22P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com