Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8537MN250R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8537MN250R2G
Description  500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8537MN250R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8537MN250R2G Datasheet HTML 1Page - ON Semiconductor NCV8537MN250R2G Datasheet HTML 2Page - ON Semiconductor NCV8537MN250R2G Datasheet HTML 3Page - ON Semiconductor NCV8537MN250R2G Datasheet HTML 4Page - ON Semiconductor NCV8537MN250R2G Datasheet HTML 5Page - ON Semiconductor NCV8537MN250R2G Datasheet HTML 6Page - ON Semiconductor NCV8537MN250R2G Datasheet HTML 7Page - ON Semiconductor NCV8537MN250R2G Datasheet HTML 8Page - ON Semiconductor NCV8537MN250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCV8537
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1, 2
Vout
Regulated output voltage. Bypass to ground with Cout w 1.0 mF
3
SENSE/ADJ
For output voltage sensing, connect to Pins 1 and 2.at Fixed output Voltage version
Adjustable pin at Adjustable output version
4
GND
Power Supply Ground
5
PWRG
Power Good
6
NC
Not Connected
7
NR
Noise Reduction Pin. This is an optional pin used to further reduce noise.
8
SD
Shutdown pin. When not in use, this pin should be connected to the input pin.
9, 10
Vin
Power Supply Input Voltage
EPAD
EPAD
Exposed thermal pad should be connected to ground.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
−0.3 to +16
V
Output Voltage
Vout
−0.3 to Vin +0.3 or 10 V*
V
PWRG Pin Voltage
VPWRG
−0.3 to +16
V
Shutdown Pin Voltage
Vsh
−0.3 to +16
V
Junction Temperature Range
TJ
−40 to +150
C
Storage Temperature Range
Tstg
−50 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM) tested per AEC−Q100−002 (EIA/JESD22−A114)
Machine Model (MM) tested per AEC−Q100−003 (EIA/JESD22−A115)
Charged Device Model (CDM) tested per EIA/JESD22−C101.
*Which ever is less. Reverse bias protection feature valid only if (Vout − Vin)  7 V.
THERMAL CHARACTERISTICS
Characteristic
Test Conditions (Typical Value)
Unit
Min Pad Board (Note 1)
1, Pad Board (Note 1)
Junction−to−Air, qJA
215
66
C/W
Junction−to−Pin, J−L4
58
18
C/W
1. As mounted on a 35 x 35 x 1.5 mm FR4 Substrate, with a single layer of a specified copper area of 2 oz (0.07 mm thick) copper traces and
heat spreading area. JEDEC 51 specifications for a low and high conductivity test board recommend a 2 oz copper thickness. Test conditions
are under natural convection or zero air flow.


Similar Part No. - NCV8537MN250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8537MN250R2G ONSEMI-NCV8537MN250R2G Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
More results

Similar Description - NCV8537MN250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3337MNADJR2G ONSEMI-NCP3337MNADJR2G Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCP3337 ONSEMI-NCP3337 Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TPS7A26 TI1-TPS7A26 Datasheet
840Kb / 18P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26_1903 TI1-TPS7A26_1903 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26 TI1-TPS7A26_19 Datasheet
1,009Kb / 22P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com