Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4276CDT33RKG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV4276CDT33RKG
Description  400 mA Low-Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276CDT33RKG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV4276CDT33RKG Datasheet HTML 1Page - ON Semiconductor NCV4276CDT33RKG Datasheet HTML 2Page - ON Semiconductor NCV4276CDT33RKG Datasheet HTML 3Page - ON Semiconductor NCV4276CDT33RKG Datasheet HTML 4Page - ON Semiconductor NCV4276CDT33RKG Datasheet HTML 5Page - ON Semiconductor NCV4276CDT33RKG Datasheet HTML 6Page - ON Semiconductor NCV4276CDT33RKG Datasheet HTML 7Page - ON Semiconductor NCV4276CDT33RKG Datasheet HTML 8Page - ON Semiconductor NCV4276CDT33RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCV4276C
http://onsemi.com
2
+
I
INH
Q
GND
Current Limit and
Saturation Sense
Bandgap
Reference
Thermal
Shutdown
Figure 1. NCV4276C Block Diagram
Error
Amplifier
NC
+
I
INH
Q
GND
Current Limit and
Saturation Sense
Bandgap
Reference
Thermal
Shutdown
Figure 2. NCV4276C Adjustable Block Diagram
Error
Amplifier
VA
PIN FUNCTION DESCRIPTION
Pin No.
Symbol
Description
1
I
Input; Battery Supply Input Voltage.
2
INH
Inhibit; Set low−to inhibit.
3
GND
Ground; Pin 3 internally connected to heatsink.
4
NC / VA
Not connected for fixed voltage version / Voltage Adjust Input for adjustable voltage version; use an external
voltage divider to set the output voltage
5
Q
Output: Bypass with a capacitor to GND. See Figures 3 to 8 and Regulator Stability Considerations section.


Similar Part No. - NCV4276CDT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276 ONSEMI-NCV4276 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276 ONSEMI-NCV4276 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276A ONSEMI-NCV4276A Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
More results

Similar Description - NCV4276CDT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
STMicroelectronics
LDFM STMICROELECTRONICS-LDFM Datasheet
1Mb / 36P
   500 mA very low drop voltage regulator
September 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com