Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4688DSN25T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP4688DSN25T1G
Description  150 mA, Low Noise, LDO Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4688DSN25T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4688DSN25T1G Datasheet HTML 1Page - ON Semiconductor NCP4688DSN25T1G Datasheet HTML 2Page - ON Semiconductor NCP4688DSN25T1G Datasheet HTML 3Page - ON Semiconductor NCP4688DSN25T1G Datasheet HTML 4Page - ON Semiconductor NCP4688DSN25T1G Datasheet HTML 5Page - ON Semiconductor NCP4688DSN25T1G Datasheet HTML 6Page - ON Semiconductor NCP4688DSN25T1G Datasheet HTML 7Page - ON Semiconductor NCP4688DSN25T1G Datasheet HTML 8Page - ON Semiconductor NCP4688DSN25T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP4688
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 9. Supply Current vs. Input Voltage
NCP4688xx12
Figure 10. Supply Current vs. Input Voltage
NCP4688xx25
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
6
5
4
3
2
1
0
0
10
20
30
40
60
70
80
6
5
4
3
2
1
0
0
10
30
40
50
60
80
90
Figure 11. Supply Current vs. Input Voltage
NCP4688xx40
Figure 12. Supply Current vs. Temperature
NCP4688xx12
INPUT VOLTAGE (V)
TEMPERATURE (°C)
6
5
4
3
2
1
0
0
10
20
30
50
70
80
90
100
75
50
25
0
−25
−50
50
55
60
65
70
75
80
Figure 13. Supply Current vs. Temperature
NCP4688xx25
Figure 14. Supply Current vs. Temperature
NCP4688xx40
TEMPERATURE (°C)
TEMPERATURE (°C)
100
75
50
25
0
−25
−50
50
55
60
65
70
75
80
100
75
50
25
0
−25
−50
50
55
60
65
70
75
80
50
20
70
40
60


Similar Part No. - NCP4688DSN25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DSN25T1G ONSEMI-NCP4688DSN25T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
More results

Similar Description - NCP4688DSN25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com