Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4626HMX030TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4626HMX030TCG
Description  300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4626HMX030TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4626HMX030TCG Datasheet HTML 1Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 2Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 3Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 4Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 5Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 6Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 7Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 8Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
NCP4626
http://onsemi.com
2
NCP4626Hxxxxxxxx
NCP4626Dxxxxxxxx
Figure 2. Simplified Schematic Block Diagram
Short
Protection
Vref
VIN
CE
GND
VOUT
ECO
Peak
Current
Protection
Reverse
Detector
Thermal Shutdown
Short
Protection
Vref
VIN
CE
GND
VOUT
ECO
Peak
Current
Protection
Reverse
Detector
Thermal Shutdown
PIN FUNCTION DESCRIPTION
Pin No.
XDFN
(Note 1)
Pin No.
SOT89
Pin No.
SOT23
Pin Name
Description
1
4
1
ECO
Mode selector pin. H – fast mode, L – low power mode
3
5
5
VIN
Input voltage pin
4
1
4
VOUT
Output voltage pin
5
2
2
GND
Ground pin
6
3
3
CE
Chip enable pin ( “H” enabled)
2
NC
No connection
1. Tab is connected to GND. Tab should be connected to GND, but leaving it unconnected is also acceptable


Similar Part No. - NCP4626HMX030TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626HMX030TCG ONSEMI-NCP4626HMX030TCG Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
More results

Similar Description - NCP4626HMX030TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com