Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4626HMX030TCG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4626HMX030TCG
Description  300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4626HMX030TCG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4626HMX030TCG Datasheet HTML 5Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 6Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 7Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 8Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 9Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 10Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 11Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 12Page - ON Semiconductor NCP4626HMX030TCG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
NCP4626
http://onsemi.com
9
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
7
8
9
10
TJ, JUNCTION TEMPERATURE (°C)
Figure 27. Supply Current vs. Temperature,
3.0 V Version, ECO = L
VIN = 6.0 V
40
20
0
20
40
60
80
0
10
20
30
40
50
60
70
−40
−20
0
20406080
TJ, JUNCTION TEMPERATURE (°C)
Figure 28. Supply Current vs. Temperature,
3.0 V Version, ECO = H
VIN = 6.0 V
0
1
2
3
4
5
6
7
8
9
10
TJ, JUNCTION TEMPERATURE (°C)
Figure 29. Supply Current vs. Temperature,
3.3 V Version, ECO = L
VIN = 6.3 V
40
20
0
20
40
60
80
0
10
20
30
40
50
60
70
TJ, JUNCTION TEMPERATURE (°C)
Figure 30. Supply Current vs. Temperature,
3.3 V Version, ECO = H
VIN = 6.3 V
0
1
2
3
4
5
6
7
8
9
10
TJ, JUNCTION TEMPERATURE (°C)
Figure 31. Supply Current vs. Temperature,
5.0 V Version, ECO = L
VIN = 8.0 V
40
20
0
20
40
60
80
40
20
0
20
40
60
80
0
10
20
30
40
50
60
70
TJ, JUNCTION TEMPERATURE (°C)
Figure 32. Supply Current vs. Temperature,
5.0 V Version, ECO = H
VIN = 8.0 V
40
20
0
20
40
60
80


Similar Part No. - NCP4626HMX030TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626HMX030TCG ONSEMI-NCP4626HMX030TCG Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
More results

Similar Description - NCP4626HMX030TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com