Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4688DMU33TCG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP4688DMU33TCG
Description  150 mA, Low Noise, LDO Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4688DMU33TCG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP4688DMU33TCG Datasheet HTML 6Page - ON Semiconductor NCP4688DMU33TCG Datasheet HTML 7Page - ON Semiconductor NCP4688DMU33TCG Datasheet HTML 8Page - ON Semiconductor NCP4688DMU33TCG Datasheet HTML 9Page - ON Semiconductor NCP4688DMU33TCG Datasheet HTML 10Page - ON Semiconductor NCP4688DMU33TCG Datasheet HTML 11Page - ON Semiconductor NCP4688DMU33TCG Datasheet HTML 12Page - ON Semiconductor NCP4688DMU33TCG Datasheet HTML 13Page - ON Semiconductor NCP4688DMU33TCG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCP4688
http://onsemi.com
11
APPLICATION INFORMATION
A typical application circuit for NCP4688 series is shown
in the Figure 41.
VIN
VOUT
CE
GND
C1
C2
VIN
VOUT
NCP4688x
Figure 41. Typical Application Schematic
1.0 mF
1.0 mF
Input Decoupling Capacitor (C1)
A 1.0
mF ceramic input decoupling capacitor should be
connected as close as possible to the input and ground pin of
the NCP4688 device. Higher values and lower ESR
improves line transient response.
Output Decoupling Capacitor (C2)
A 1.0
mF ceramic output decoupling capacitor is sufficient
to achieve stable operation of the device. If tantalum
capacitor is used, and its ESR is high, the loop oscillation
may result. For information about ESR see Figures 42, 43
and 44. The capacitor should be connected as close as
possible to the output and ground pin. Larger values and
lower ESR improves dynamic parameters.
Enable Operation
The enable pin CE may be used for turning the regulator
on and off. The IC is switched on when a high level voltage
is applied to the CE pin. The enable pin has an internal pull
down current source which assure off state of LDO in case
the CE pin will stay floating. If the enable function is not
needed connect CE pin to VIN.
The D version of the NCP4688 device includes a
transistor between VOUT and GND that is used for faster
discharging of the output capacitor. This function is
activated when the IC goes into disable mode.
Thermal Consideration
As a power across the IC increase, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material, and also the ambient
temperature affect the rate of temperature increase for the
part. When the device has good thermal conductivity
through the PCB the junction temperature will be relatively
low in high power dissipation applications.
ESR vs. Output Current
When using the NCP4688 devices, consider the following
points:
The relation between Output Current Iout and ESR of the
output capacitor are shown below in Figures 42, 43 and 44.
The conditions when the device performs stable operation
are marked as the hatched area in the charts.
Figure 42. ESR vs. Load Current NCP4688xx12
Figure 43. ESR vs. Load Current NCP4688xx25
LOAD CURRENT (mA)
LOAD CURRENT (mA)
150
125
100
75
50
25
0
0.01
0.1
1
10
100
150
125
100
75
50
25
0
0.01
0.1
1
10
100


Similar Part No. - NCP4688DMU33TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DMU33TCG ONSEMI-NCP4688DMU33TCG Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
More results

Similar Description - NCP4688DMU33TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com