Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1859 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1859
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1859 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1859 Datasheet HTML 1Page - Maxim Integrated Products DS1859 Datasheet HTML 2Page - Maxim Integrated Products DS1859 Datasheet HTML 3Page - Maxim Integrated Products DS1859 Datasheet HTML 4Page - Maxim Integrated Products DS1859 Datasheet HTML 5Page - Maxim Integrated Products DS1859 Datasheet HTML 6Page - Maxim Integrated Products DS1859 Datasheet HTML 7Page - Maxim Integrated Products DS1859 Datasheet HTML 8Page - Maxim Integrated Products DS1859 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Dual, Temperature-Controlled Resistors with
Internally Calibrated Monitors
_____________________________________________________________________
5
Note 10: After this period, the first clock pulse is generated.
Note 11: The maximum tHD:DAT only has to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 12: A device must internally provide a hold time of at least 300ns for the SDA signal (see the VIH MIN of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
Note 13: CB—total capacitance of one bus line, timing referenced to 0.9 x VCC and 0.1 x VCC.
Note 14: Guaranteed by design.
Typical Operating Characteristics
(VCC = 5.0V, TA = +25°C, for both 50k
Ω and 20kΩ versions, unless otherwise noted.)
TEMPERATURE (
°C)
40
60
80
20
0
-20
560
600
640
680
720
520
-40
100
SUPPLY CURRENT vs. TEMPERATURE
SDA = SCL = VCC
SUPPLY CURRENT vs. VOLTAGE
VOLTAGE (V)
5.0
4.5
4.0
3.5
450
500
550
600
650
700
400
3.0
5.5
SDA = SCL = VCC
RESISTANCE vs. SETTING
SETTING (DEC)
200
150
100
50
10
20
30
40
50
60
0
0250
50k
Ω VERSION
RESISTANCE vs. SETTING
SETTING (DEC)
200
150
100
50
5
10
15
20
0
0250
20k
Ω VERSION
ACTIVE SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
600
640
680
720
760
560
0400
SDA = VCC
RESISTOR 0 INL (LSB)
SETTING (DEC)
225
200
150 175
50 75 100 125
25
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0250


Similar Part No. - DS1859

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
logo
Dallas Semiconductor
DS1851E-010 DALLAS-DS1851E-010 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
DS1851E-010TR DALLAS-DS1851E-010TR Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results

Similar Description - DS1859

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
   Fully calibrated & temperature compensated
logo
Amphenol Corporation
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com