Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG445CY Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG445CY
Description  Improved, Quad, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG445CY Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG445CY Datasheet HTML 1Page - Maxim Integrated Products DG445CY Datasheet HTML 2Page - Maxim Integrated Products DG445CY Datasheet HTML 3Page - Maxim Integrated Products DG445CY Datasheet HTML 4Page - Maxim Integrated Products DG445CY Datasheet HTML 5Page - Maxim Integrated Products DG445CY Datasheet HTML 6Page - Maxim Integrated Products DG445CY Datasheet HTML 7Page - Maxim Integrated Products DG445CY Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Improved, Quad, SPST Analog Switches
________________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
_______________General Description
Maxim’s redesigned DG444/DG445 analog switches
now feature on-resistance matching (4
Ω max) between
switches and guaranteed on-resistance flatness over
the signal range (9
Ω max). These low on-resistance
switches conduct equally well in either direction. They
guarantee low charge injection (10pC max), low power
consumption (35µW max), and an ESD tolerance of
2000V minimum per Method 3015.7. The new design
offers lower off leakage current over temperature (less
than 5nA at +85°C).
The DG444/DG445 are quad, single-pole/single-throw
(SPST) analog switches. The DG444 has 4 normally
closed switches and the DG445 has 4 normally open
switches. Switching times are less than 250ns for tON
and less than 70ns for tOFF. Operation is from a single
+10V to +30V supply, or bipolar ±4.5V to ±20V sup-
plies. Maxim’s improved DG444/DG445 continue to be
fabricated with a 44V silicon-gate process.
________________________Applications
Sample-and-Hold Circuits
Communication Systems
Test Equipment
Battery-Operated Systems
Heads-Up Displays
PBX, PABX
Guidance and Control Systems
Audio Signal Routing
Military Radios
Modems/Faxes
______________________New Features
o Plug-In Upgrades for Industry-Standard DG444/DG445
o Improved rON Match Between Channels (4
Ω max)
o Guaranteed rFLAT(ON) Over Signal Range (9
Ω max)
o Improved Charge Injection (10pC max)
o Improved Off Leakage Current Over Temperature
(<5nA at +85°C)
o Withstand Electrostatic Discharge (2000V min)
per Method 3015.7
__________________Existing Features
o Low rDS(ON) (85
Ω max)
o Single-Supply Operation +10V to +30V
Bipolar-Supply Operation ±4.5V to ±20V
o Low Power Consumption (35µW max)
o Rail-to-Rail Signal Handling
o TTL/CMOS-Logic Compatible
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
PART
TEMP. RANGE
PIN-PACKAGE
DG444CJ
0°C to +70°C
16 Plastic DIP
DG444DY
0°C to +70°C
16 Narrow SO
DG444C/D
0°C to +70°C
Dice*
DG444DJ
-40°C to +85°C
16 Plastic DIP
DG444DY
-40°C to +85°C
16 Narrow SO
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+
V-
S1
D1
IN1
DG445
VL
S3
D3
IN3
IN4
D4
S4
GND
DIP/SO
DIP/SO
DG445
LOGIC
SWITCH
0
1
OFF
ON
SWITCHES SHOWN FOR LOGIC "0" INPUT
DG444
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+
V-
S1
D1
IN1
DG444
VL
S3
D3
IN3
IN4
D4
S4
GND
TOP VIEW
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-4705; Rev 1; 4/94


Similar Part No. - DG445CY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG445 INTERSIL-DG445 Datasheet
103Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
DG445 INTERSIL-DG445 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG445 VISHAY-DG445 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
logo
Intersil Corporation
DG445 INTERSIL-DG445 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG445 VISHAY-DG445 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
More results

Similar Description - DG445CY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com