Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV57302 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV57302
Description  3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV57302 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV57302 Datasheet HTML 1Page - ON Semiconductor NCV57302 Datasheet HTML 2Page - ON Semiconductor NCV57302 Datasheet HTML 3Page - ON Semiconductor NCV57302 Datasheet HTML 4Page - ON Semiconductor NCV57302 Datasheet HTML 5Page - ON Semiconductor NCV57302 Datasheet HTML 6Page - ON Semiconductor NCV57302 Datasheet HTML 7Page - ON Semiconductor NCV57302 Datasheet HTML 8Page - ON Semiconductor NCV57302 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP57302, NCV57302
http://onsemi.com
2
TYPICAL APPLICATIONS
Figure 1. Adjustable Regulator
+
+
COUT
47 mF, Ceramic
R1
VIN
EN
VOUT
ADJ
GND
1.3 V
CIN
VIN
NCP57302
R2
PIN FUNCTION DESCRIPTION
Pin Number
Pin Name
Pin Function
1
EN
Enable Input: CMOS and TTL logic compatible. Logic high = enable; Logic low = shutdown.
2
VIN
Input voltage which supplies both the internal circuitry and the current to the output load
3
GND
Ground
TAB
TAB
TAB is connected to ground.
4
VOUT
Linear Regulator Output.
5
ADJ
Adjustable Regulator Feedback Input. Connect to output voltage resistor divider central node.
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VIN
Supply Voltage
0 to 18
V
VEN
Enable Input Voltage
0 to 18
V
VOUT – VIN
Reverse VOUT – VIN Voltage (EN = Shutdown or VIN = 0 V) (Note 1)
0 to 6.5
V
PD
Power Dissipation (Notes 2 and 3)
Internally Limited
TJ
Junction Temperature
–40 v TJ v +125
C
TS
Storage Temperature
–65 v TJ v +150
C
ESD Rating (Notes 4 and 5)
Human Body Model
Machine Model
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: All voltages are referenced to GND pin unless otherwise noted.
1. The ENABLE pin input voltage must be  0.8 V or VIN must be connected to ground potential.
2. PD(max) = (TJ(max) – TA) / RqJA, where RqJA depends upon the printed circuit board layout.
3. This protection is not guaranteed outside the Recommended Operating Conditions.
4. Devices are ESD sensitive. Handling precautions recommended..
5. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model (HBM) tested per AEC*Q100*002 (EIA/JESD22*A114C)
ESD Machine Model (MM) tested per AEC*Q100*003 (EIA/JESD22*A115C)
This device contains latch*up protection and exceeds 100 mA per JEDEC Standard JESD78.
RECOMMENDED OPERATING CONDITIONS (Note 6)
Symbol
Rating
Value
Unit
VIN
Supply Voltage
1.8 to 13.5
V
VEN
Enable Input Voltage
0 to 13.5
V
TJ
Junction Temperature
–40 v TJ v +125
C
6. The device is not guaranteed to function outside it’s Recommended operating conditions.


Similar Part No. - NCV57302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
   High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57000 ONSEMI-NCV57000 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 2
NCV57000D ONSEMI-NCV57000D Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57000DWR2G ONSEMI-NCV57000DWR2G Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
More results

Similar Description - NCV57302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP59300 ONSEMI-NCP59300_13 Datasheet
621Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 4
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com