Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP707CMX185TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP707CMX185TCG
Description  200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP707CMX185TCG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP707CMX185TCG Datasheet HTML 2Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 3Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 4Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 5Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 6Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 7Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 8Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 9Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NCP707
www.onsemi.com
6
Figure 15. Output Voltage vs. Input Voltage
VOUT = 1.5 V
Figure 16. Output Voltage vs. Input Voltage
VOUT = 1.8 V
Figure 17. Output Voltage vs. Input Voltage
VOUT = 2.8 V
Figure 18. Output Voltage vs. Input Voltage
VOUT = 3.0 V
Figure 19. Output Voltage vs. Input Voltage
VOUT = 3.1 V
Figure 20. Output Voltage vs. Input Voltage
VOUT = 3.3 V
2.00
0
0.5
1
5.5
5
4.5
1.5
2
2.5
4
INPUT VOLTAGE (V)
3.5
3
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
CIN = COUT = 1 mF
IOUT = 0 mA
VOUT(NOM) = 1.5 V
TA = 125°C
TA = 25°C
TA = −40°C
CIN = COUT = 1 mF
IOUT = 0 mA
VOUT(NOM) = 1.8 V
TA = 125°C
TA = 25°C
TA = −40°C
2.00
0
0.5
1
5.5
5
4.5
1.5
2
2.5
4
INPUT VOLTAGE (V)
3.5
3
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
CIN = COUT = 1 mF
IOUT = 0 mA
VOUT(NOM) = 2.8 V
3.50
0
0.5
1
5.5
5
4.5
1.5
2
2.5
4
INPUT VOLTAGE (V)
3.5
3
TA = 125°C
TA = 25°C
TA = −40°C
TA = 125°C
TA = 25°C
TA = −40°C
0
0.5
1
5.5
5
4.5
1.5
2
2.5
4
3.5
3
3.00
2.50
2.00
1.50
1.00
0.50
0.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
CIN = COUT = 1 mF
IOUT = 0 mA
VOUT(NOM) = 3.0 V
INPUT VOLTAGE (V)
3.50
0
0.5
1
5.5
5
4.5
1.5
2
2.5
4
INPUT VOLTAGE (V)
3.5
3
3.00
2.50
2.00
1.50
1.00
0.50
0.00
TA = 125°C
TA = 25°C
TA = −40°C
CIN = COUT = 1 mF
IOUT = 0 mA
VOUT(NOM) = 3.1 V
0
0.5
1
5.5
5
4.5
1.5
2
2.5
4
3.5
3
4.00
INPUT VOLTAGE (V)
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
CIN = COUT = 1 mF
IOUT = 0 mA
VOUT(NOM) = 3.3 V
TA = 125°C
TA = 25°C
TA = −40°C


Similar Part No. - NCP707CMX185TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP707CMX185TCG ONSEMI-NCP707CMX185TCG Datasheet
856Kb / 19P
   Low Noise, Low Dropout Regulator
April, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com