Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP707CMX180TCG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP707CMX180TCG
Description  200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP707CMX180TCG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP707CMX180TCG Datasheet HTML 5Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 6Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 7Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 8Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 9Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 10Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 11Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 12Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NCP707
www.onsemi.com
9
Figure 33. Line Regulation vs. Temperature
VOUT = 1.5 V
Figure 34. Line Regulation vs. Temperature
VOUT = 1.85 V
Figure 35. Line Regulation vs. Temperature
VOUT = 2.85 V
Figure 36. Line Regulation vs. Temperature
VOUT = 3.0 V
Figure 37. Line Regulation vs. Temperature
VOUT = 3.1 V
Figure 38. Line Regulation vs. Temperature
VOUT = 3.3 V
JUNCTION TEMPERATURE (
°C)
−40
−20
0
140
120
100
20
40
60
80
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Line Regulation from VIN = 2 V to 5.5 V
CIN = COUT = 1 mF
VIN = 2.0 V to 5.5 V
VOUT(NOM) = 1.5 V
IOUT = 10 mA
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Line Regulation from VIN = 2.35 V to 5.5 V
CIN = COUT = 1 mF
VIN = 2.35 V to 5.5 V
VOUT(NOM) = 1.85 V
IOUT = 10 mA
JUNCTION TEMPERATURE (
°C)
−40
−20
0
140
120
100
20
40
60
80
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Line Regulation from VIN = 3.35 V to 5.5 V
CIN = COUT = 1 mF
VIN = 3.35 V to 5.5 V
VOUT(NOM) = 2.85 V
IOUT = 10 mA
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Line Regulation from VIN = 3.5 V to 5.5 V
CIN = COUT = 1 mF
VIN = 3.5 V to 5.5 V
VOUT(NOM) = 3.0 V
IOUT = 10 mA
JUNCTION TEMPERATURE (
°C)
−40
−20
0
140
120
100
20
40
60
80
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Line Regulation from VIN = 3.6 V to 5.5 V
CIN = COUT = 1 mF
VIN = 3.6 V to 5.5 V
VOUT(NOM) = 3.1 V
IOUT = 10 mA
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Line Regulation from VIN = 3.8 V to 5.5 V
CIN = COUT = 1 mF
VIN = 3.8 V to 5.5 V
VOUT(NOM) = 3.3 V
IOUT = 10 mA


Similar Part No. - NCP707CMX180TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP707CMX180TCG ONSEMI-NCP707CMX180TCG Datasheet
856Kb / 19P
   Low Noise, Low Dropout Regulator
April, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com