Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4588 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4588
Description  200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4588 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4588_13 Datasheet HTML 1Page - ON Semiconductor NCP4588_13 Datasheet HTML 2Page - ON Semiconductor NCP4588_13 Datasheet HTML 3Page - ON Semiconductor NCP4588_13 Datasheet HTML 4Page - ON Semiconductor NCP4588_13 Datasheet HTML 5Page - ON Semiconductor NCP4588_13 Datasheet HTML 6Page - ON Semiconductor NCP4588_13 Datasheet HTML 7Page - ON Semiconductor NCP4588_13 Datasheet HTML 8Page - ON Semiconductor NCP4588_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP4588
http://onsemi.com
2
Current Limit
VIN
GND
Vref
CE
VOUT
NCP4588Hxxxxxxx
Current Limit
VIN
GND
Vref
CE
VOUT
NCP4588Dxxxxxxx
Figure 2. Simplified Schematic Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
XDFN
Pin No.
SC−70
Pin No.
SOT23
Pin Name
Description
4
5
1
VIN
Input pin
2
3
2
GND
Ground
3
1
3
CE
Chip enable pin (Active “H”)
6
4
5
VOUT
Output pin
1, 5
2
4
NC
No connection
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
6.0
V
Output Voltage
VOUT
−0.3 to VIN + 0.3
V
Chip Enable Input
VCE
−0.3 to 6.0
V
Output Current
IOUT
400
mA
Power Dissipation XDFN
PD
400
mW
Power Dissipation SC70
380
Power Dissipation SOT23
420
Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
TSTG
−55 to 125
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.


Similar Part No. - NCP4588_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4588DMX10TCG ONSEMI-NCP4588DMX10TCG Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
NCP4588DMX15TCG ONSEMI-NCP4588DMX15TCG Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
NCP4588DMX25TCG ONSEMI-NCP4588DMX25TCG Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
NCP4588DSQ10T1G ONSEMI-NCP4588DSQ10T1G Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
NCP4588DSQ15T1G ONSEMI-NCP4588DSQ15T1G Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
More results

Similar Description - NCP4588_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4588 ONSEMI-NCP4588 Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
logo
Texas Instruments
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
ABLIC Inc.
S-1315 ABLIC-S-1315 Datasheet
662Kb / 43P
   5.5 V INPUT, 200 mA, OUTPUT CAPACITOR-LESS VOLTAGE REGULATOR
Rev.1.4_00
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com