Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1117LP Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1117LP
Description  1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117LP Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1117LP_14 Datasheet HTML 4Page - ON Semiconductor NCP1117LP_14 Datasheet HTML 5Page - ON Semiconductor NCP1117LP_14 Datasheet HTML 6Page - ON Semiconductor NCP1117LP_14 Datasheet HTML 7Page - ON Semiconductor NCP1117LP_14 Datasheet HTML 8Page - ON Semiconductor NCP1117LP_14 Datasheet HTML 9Page - ON Semiconductor NCP1117LP_14 Datasheet HTML 10Page - ON Semiconductor NCP1117LP_14 Datasheet HTML 11Page - ON Semiconductor NCP1117LP_14 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP1117LP
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 28. Load Transient Response − Vout = 1.8 V
Figure 29. Load Transient Response − Vout = 2.5 V
Cin = 10 mF*
Cout = 10 mF*
Vin = 3.3 V
Preload=0.1A
TA = 25°C
0
20
0.5
0.2
Figure 30. Load Transient Response − Vout = 3.3 V
Figure 31. Load Transient Response − Vout = 5.0 V
−20
Cin = 10 mF*
Cout = 10 mF*
Vin = 3.3 V
Preload=0.1A
TA = 25°C
0
20
0.5
0.2
−20
Cin = 10 mF*
Cout = 10 mF*
Vin = 3.3 V
Preload=0.1A
TA = 25°C
0
50
0.5
0.2
−50
Cin = 10 mF*
Cout = 10 mF*
Vin = 3.3 V
Preload=0.1A
TA = 25°C
0
50
0.5
0.2
−50
*Tantalum Capacitors
*Tantalum Capacitors
*Tantalum Capacitors
*Tantalum Capacitors


Similar Part No. - NCP1117LP_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117LPST15T3G ONSEMI-NCP1117LPST15T3G Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117LPST18T3G ONSEMI-NCP1117LPST18T3G Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117LPST25T3G ONSEMI-NCP1117LPST25T3G Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117LPST33 ONSEMI-NCP1117LPST33 Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117LPST33T3G ONSEMI-NCP1117LPST33T3G Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
More results

Similar Description - NCP1117LP_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCP1117 ONSEMI-NCP1117_07 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com